Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CP16165 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części CP16165
Szczegółowy opis  IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP16165 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  CP16165 Datasheet HTML 1Page - Ledil, Inc. CP16165 Datasheet HTML 2Page - Ledil, Inc. CP16165 Datasheet HTML 3Page - Ledil, Inc. CP16165 Datasheet HTML 4Page - Ledil, Inc. CP16165 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP16165_STRADELLA-IP-16-T2-PC
STRADELLA-IP-16-T2-PC
IESNA Type II (medium) beam applicable for
European P-class standard pedestrian lighting
and M-class roads. Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
100 x 60 mm
Height
8.9 mm
Fastening
pin, screw
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
12.1 kg
Quantity in Box
416 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-IP-16-T2-PC
Lens
PC
clear
STRADELLA-16-SEAL
Seal
Silicone
white
Last update: 11/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CP16165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
CP161 LSTD-CP161 Datasheet
638Kb / 2P
Precise Temperature Control
logo
Ledil, Inc.
CP16106 LEDIL-CP16106 Datasheet
8Mb / 8P
~12째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16107 LEDIL-CP16107 Datasheet
11Mb / 8P
~24째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16108 LEDIL-CP16108 Datasheet
6Mb / 8P
~35째 medium beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16109 LEDIL-CP16109 Datasheet
8Mb / 8P
~55째 wide beam. Assembly with holder C compatible with LEDiL HEKLA.
More results

Podobny opis - CP16165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C15967 LEDIL-C15967 Datasheet
4Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lightingand M-class roads
CS16515 LEDIL-CS16515 Datasheet
2Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads.
FN16356 LEDIL-FN16356 Datasheet
9Mb / 5P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
FN16478 LEDIL-FN16478 Datasheet
7Mb / 4P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads. White version.
FP15589 LEDIL-FP15589 Datasheet
3Mb / 7P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C14502 LEDIL-C14502 Datasheet
2Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15034 LEDIL-C15034 Datasheet
6Mb / 10P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
C15981 LEDIL-C15981 Datasheet
3Mb / 7P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
CA14323 LEDIL-CA14323 Datasheet
2Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
C14321 LEDIL-C14321 Datasheet
1Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com