Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5585 Arkusz danych(PDF) 2 Page - Renesas Technology Corp

Numer części ISL5585
Szczegółowy opis  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5585 Arkusz danych(HTML) 2 Page - Renesas Technology Corp

  ISL5585 Datasheet HTML 1Page - Renesas Technology Corp ISL5585 Datasheet HTML 2Page - Renesas Technology Corp ISL5585 Datasheet HTML 3Page - Renesas Technology Corp ISL5585 Datasheet HTML 4Page - Renesas Technology Corp ISL5585 Datasheet HTML 5Page - Renesas Technology Corp ISL5585 Datasheet HTML 6Page - Renesas Technology Corp ISL5585 Datasheet HTML 7Page - Renesas Technology Corp ISL5585 Datasheet HTML 8Page - Renesas Technology Corp ISL5585 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL5585
FN6026 Rev 6.00
Page 2 of 23
October 21, 2004
Ordering Information
PART NUMBER
HIGH BATTERY (VBH)
LONGITUDINAL
BALANCE
FULL
TEST
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
100V
85V
75V
58dB
53dB
ISL5585AIM

-40 to 85
28 Ld PLCC
N28.45
ISL5585AIMZ
(See Note)

-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585BIM

-40 to 85
28 Ld PLCC
N28.45
ISL5585BIMZ
(See Note)

-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585CIM

-40 to 85
28 Ld PLCC
N28.45
ISL5585CIMZ
(See Note)

-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585DIM

-40 to 85
28 Ld PLCC
N28.45
ISL5585DIMZ
(See Note)

-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585ECM

0 to 75
28 Ld PLCC
N28.45
ISL5585ECMZ
(See Note)

0 to 75
28 Ld PLCC
(Pb-free)
N28.45
ISL5585ECR

0 to 75
32 Pad QFN
L32.7x7*
ISL5585ECRZ
(See Note)

0 to 75
32 Pad QFN
(Pb-free)
L32.7x7*
ISL5585FCM

0 to 85
28 Ld PLCC
N28.45
ISL5585FCMZ
(See Note)

0 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585FCR

0 to 85
32 Pad QFN
L32.7x7*
ISL5585FCRZ
(See Note)

0 to 85
32 Pad QFN
(Pb-free)
L32.7x7*
ISL5585GCM

0 to 85
28 Ld PLCC
N28.45
ISL5585GCMZ
(See Note)

0 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585GCR

0 to 85
32 pad QFN
L32.7x7*
ISL5585GCRZ
(See Note)

0 to 85
32 pad QFN
(Pb-free)
L32.7x7*
ISL5585 XXX
Evaluation board platform, including CODEC.
Also available in Tape and Reel
*Reference “Special Considerations for the QFN Package” text.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com