Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1218594 Arkusz danych(PDF) 2 Page - SICK AG

Numer części 1218594
Szczegółowy opis  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

1218594 Arkusz danych(HTML) 2 Page - SICK AG

  1218594 Datasheet HTML 1Page - SICK AG 1218594 Datasheet HTML 2Page - SICK AG 1218594 Datasheet HTML 3Page - SICK AG 1218594 Datasheet HTML 4Page - SICK AG 1218594 Datasheet HTML 5Page - SICK AG 1218594 Datasheet HTML 6Page - SICK AG 1218594 Datasheet HTML 7Page - SICK AG 1218594 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTS-WS91141142ZZZZ | KTS Prime
CONTRAST SENSORS
Ordering information
Type
Part no.
KTS-WS91141142ZZZZ
1218594
Other models and accessories
www.sick.com/KTS_Prime
Detailed technical data
Features
Dimensions (W x H x D)
26 mm x 62 mm x 47.5 mm
Sensing distance
13 mm
Sensing distance tolerance
± 5 mm
Housing design (light emission)
Rectangular
Light source
LED, RGB 1)
Wave length
470 nm, 525 nm, 625 nm
Light emission
Long side of housing
Light spot size
0.9 mm x 3.8 mm
Light spot direction
Vertical 2)
Teach-in mode
1-point teach-in, 2-point teach-in, dynamic Teach-in, auto mode
Output function
Light/dark switching
Delay time
Adjustable
Delivery status
2-point teach-in
Parameter presettings
None
1) Average service life: 100,000 h at TU = +25 °C.
2) In relation to long side of housing.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-16 14:37:20
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com