Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

047-12SMPR Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części 047-12SMPR
Szczegółowy opis  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

047-12SMPR Arkusz danych(HTML) 1 Page - Mini-Circuits

  047-12SMPR Datasheet HTML 1Page - Mini-Circuits 047-12SMPR Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coaxial Cable
HAND
TM
The Big Deal
Product Overview
The 047 Series Hand-Flex Coaxial Cables are ideal for interconnection of coaxial components or sub-systems in
tight spaces. The outer shield is tin plated copper braid and tin soaked, which minimizes signal leakage and at the
same time flexible for easy bend. Right-angle SMP-F blind mate push-on / snap-on connectors make these cables
ideal for connections between adjacent modules in crowded system layouts. The 047 Series Hand-Flex Cables
features gold plated beryllium copper construction. The 047 Series Cables are available in variety of length to meet
your requirements.
Key Features
CASE STYLE: BZ2421HXX
XX= cable length in inches
• Miniature Hand Formable
• Tight Bend Radius, 3.2mm
• Right-angle SMP-F blind mate push-on / snap-on connectors
50Ω
DC to 18 GHz
Feature
Advantages
Hand-Formable RF Cables
The 047 Series Hand-Flex cables are hand formable making them ideal for use integrating
coaxial components and sub-assemblies without the need for special cable-bending tools and
alleviating the risk of damage during the bending process typical of semi-rigid coaxial cable
assemblies.
Tight Bend Radius, 3.2mm
Capable of only 3.2mm bend radius, the 047 Hand-Flex series is able to make connections in
tight spaces making these cables ideal for dense system integration.
Right-angle SMP-F blind mate push-on /
snap-on connectors
Ideal for interconnect of adjacent modules with tight space constraints without sacrificing high-
frequency performance due to severe bend near the connector interface.
Excellent Return loss,
• 30 dB at 6 GHz
• 24 dB at 18 GHz
The 047 Series Hand-Flex Cables are ideally suited for interconnecting a wide variety of RF
components while minimizing VSWR ripple contribution due to mating cables & connectors.
Good Power Handling Capability:
• 22.5W at 0.5 GHz
• 4.5W at 18 GHz
Mini-Circuits' 047 Cable series can support medium to high RF power levels enabling these
cables to be used in the transmit path.
047-SMPR+ Series
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2


Podobny numer części - 047-12SMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
047-12SMPRC MINI-047-12SMPRC Datasheet
295Kb / 2P
Coaxial Cable
047-12SMPRC+ MINI-047-12SMPRC+ Datasheet
295Kb / 2P
Coaxial Cable
More results

Podobny opis - 047-12SMPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
Coaxial Cable
086-10SMR MINI-086-10SMR Datasheet
385Kb / 2P
Coaxial Cable
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com