Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SGM812-RXKA4/TR Arkusz danych(PDF) 1 Page - SG Micro Corp

Numer części SGM812-RXKA4/TR
Szczegółowy opis  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SGMICRO [SG Micro Corp]
Strona internetowa  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-RXKA4/TR Arkusz danych(HTML) 1 Page - SG Micro Corp

  SGM812-RXKA4/TR Datasheet HTML 1Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 2Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 3Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SGM811/SGM812
Microprocessor Supervisory
with Manual Reset Input
GENERAL DESCRIPTION
The SGM811/SGM812 supervisory circuits monitor the
power supply voltage in microprocessor and digital
systems. The SGM811/SGM812 is designed to monitor
seven different voltages; these voltages have been
selected for the effective monitoring of 1.8V, 2.5V, 3V,
3.3V and 5V supply voltage levels.
They provide a reset output during power-up, power-
down and brownout conditions. On power-up, an internal
timer holds reset asserted for 240ms. This holds the
microprocessor in a reset state until conditions have
stabilized. The RESET output remains operational with
VCC as low as 1V. The SGM811 provides an active low
reset signal ( RESET ) while the SGM812 provides an
active high signal (RESET) output.
The SGM811/SGM812 has a manual reset input. The
manual reset function is very useful, especially if the
circuit in which the SGM811/SGM812 is operating enters
into a state that can only be detected by the user.
Allowing the user to reset a system manually can reduce
the damage or danger that could otherwise be caused by
an out-of-control or locked system. The devices come in
SOT-143 and SOT-23-5 packages.
APPLICATIONS
Microprocessor Systems
Controllers
Intelligent Instruments
Automotive Systems
Safety Systems
Portable Instruments
FEATURES
● Superior Upgrade for MAX811/MAX812 and
ADM811/ADM812
● Specified Over Temperature
● Low Power Consumption (13μA TYP)
● Precision Voltage Monitor: 1.8V, 2.5V, 3V, 3.3V
and 5V Options
● Reset Assertion Down to 1V VCC
● 150ms Min Power-On Reset
Logic Low RESET Output (SGM811)
Logic High RESET Output (SGM812)
● Manual Reset Input
● Green SOT-143 and SOT-23-5 Packages
PIN CONFIGURATIONS (TOP VIEW)
1
3
4
SOT-23-5
GND
VCC
RESET/RESET
5
MR
2
NC
1
2
3
4
SOT-143
GND
VCC
RESET/RESET
MR
TYPICAL OPERATION CIRCUIT
MICROPROCESSOR
SYSTEM
SGM811
GND
RESET
MR
RESET
GND
VCC
VCC
100kΩ
REV. B. 4
SG Micro Corp
www.sg-micro.com


Podobny numer części - SGM812-RXKA4/TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SG Micro Corp
SGM812-RXKA4 SGMICRO-SGM812-RXKA4 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
More results

Podobny opis - SGM812-RXKA4/TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com