Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

086-7SBSM Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części 086-7SBSM
Szczegółowy opis  Coaxial Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

086-7SBSM Arkusz danych(HTML) 2 Page - Mini-Circuits

  086-7SBSM Datasheet HTML 1Page - Mini-Circuits 086-7SBSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Rev. A
M151107
086-7SBSM+
RS/CP/AM
160210
Typical Performance Data
086-7SBSM+
INSERTION LOSS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
Frequency
(MHz)
Insertion Loss
(dB)
Return Loss
(dB)
SMA-Male
SMA-Female
Bulkhead
086-7SBSM+
RETURN LOSS
0
10
20
30
40
50
60
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
SMA-MALE
SMA-Female
Bulkhead
50Ω
7 inch DC to 18 GHz
CASE STYLE: KP1567-7
086-7SBSM+
1. Custom sizes available, consult factory.
Outline Dimensions (
)
inch
mm
A
B
C1
C2
D
7.0
.51
.438
.232
.36
177.80
12.95
11.13
5.89
9.14
E1
E2
F
T
wt
.313
.250
.108
0.1
grams
7.95
6.35
2.75
2.54
9.20
Coaxial Cable
HAND
TM
Cable Construction
Outline Drawing
PANEL THICKNESS .100 INCHES
Maximum Ratings
Operating Temperature
-55°C to 105°C
Storage Temperature
-55°C to 105°C
Power Handling at 25°C, 211W at 0.5 GHz
Sea Level
150W at
1 GHz
101W at
2 GHz
59W at
6 GHz
45W at 10 GHz
35W at 18 GHz
Permanent damage may occur if any of these limits are exceeded.
100
0.04
46.4
46.8
1000
0.11
55.8
47.0
1800
0.16
42.3
40.7
2000
0.20
37.7
37.8
4000
0.26
35.6
36.0
5000
0.31
36.8
38.6
6000
0.36
34.7
34.3
7000
0.36
34.7
34.2
8000
0.36
34.7
34.2
9000
0.41
28.0
26.2
10000
0.41
28.0
26.2
12000
0.52
23.1
26.1
14000
0.61
22.5
23.7
17069
0.75
23.3
25.0
18000
0.70
23.7
23.8
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Length1
7
inches
Insertion Loss
DC - 2
0.14
0.4
dB
2 - 6
0.26
0.6
6 - 10
0.39
0.8
10 - 18
0.59
1.1
Return Loss
DC - 2
23
43
dB
2 - 6
23
38
6 - 10
17
30
10 - 18
16
25
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Features
• Wideband frequency coverage, DC to 18 GHz
• Low Loss, 0.7 dB at 18 GHz
• Excellent Return Loss, 24 dB at 18 GHz
• SMA-F bulkhead connector at one end
• Hand formable to almost any custom shape without
special bending tools
• 6mm bend radius for tight installations
• Anti-torque nut prevents cable stress during installation
• Insulated outer jacket standard
• Connector interface, meets MIL-STD-348
Ideal for interconnect of assembled systems
Applications
• Bulkhead connector mounts on front panel of equipment racks
• Replacement for custom bent 0.086" semi-rigid cables
• Communication receivers and transmitters
• Military and aerospace system
• Environmental and test chambers
Center Conductor: Silver Plated Copper Clad Steel
Dielectric: Solid PTFE
Outer Shield: Copper braid, tin soaked
Jacket: FEP, Blue (Unjacketed cable also available
upon request)
Connectors: Coupling Nut: Stainless Steel Passivated
Body: Stainless Steel Gold Plated
Center Pin: Brass, Gold Plated (SMA-M)
and BeCuB Gold Plated (SMA-F)
Connectors
Model
Conn1
Conn2
SMA-Male
SMA-Female Bulkhead
086-7SBSM+



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com