| Zakładka z wyszukiwarką danych komponentów |
|
LD2985G-BJ-AF5-R Arkusz danych(PDF) 10 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LD2985G-BJ-AF5-R Arkusz danych(HTML) 10 Page - Unisonic Technologies |
|
10 / 15 page ![]() LD2985 LINEAR INTEGRATED CIRCUIT UNISONIC TECHNOLOGIES CO., LTD 10 of 15 www.unisonic.com.tw QW-R102-024.M ELECT RI CAL CH ARACT ERI ST I CS(Cont .) FOR VOUT=3.8V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Input Voltage VI(OPR) 16 V VIN=4.8V 3.724 3.8 3.876 V Output Voltage VOUT IOUT=1 ~ 150mA 3.686 3.914 V Short Circuit Current ISC RL=0 600 mA Line Regulation △VOUT VIN=VOUT+1V ~ 16V, IOUT=1mA 30 mV IOUT=0 1 3 mV IOUT=1mA 7 10 mV IOUT=10mA 40 60 mV IOUT=50mA 120 150 mV Dropout Voltage VD IOUT=150mA 280 350 mV IOUT=0 80 100 μA IOUT=1mA 100 150 μA IOUT=10mA 280 330 μA IOUT=50mA 1050 1300 μA IOUT=150mA 2900 3300 μA Quiescent Current IQ OFF MODE VINH<0.18V 1.5 μA Supply Voltage Rejection SVR CBYP=0.01 μF, CO=10μF, f=1KHz 45 dB Control Input Logic Low VIL TJ=-20 ~ 125°C 0.15 V Control Input Logic High VIH TJ=-20 ~ 125°C 2 V TJ=-20 ~ 125°C, VSHDN=VIN 5 20 μA Control Input Current IINH TJ=-20 ~ 125°C, VSHDN=0V 0 -1 μA Output Noise Voltage eN B=300Hz ~ 50KHz CBYP=0.01 μF, CO=10μF 30 μV FOR VOUT=4.0V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Input Voltage VI(OPR) 16 V VIN=5.0V 3.920 4 4.080 V Output Voltage VOUT IOUT=1 ~ 150mA 3.880 4.120 V Short Circuit Current ISC RL=0 600 mA IOUT=0 1 3 mV IOUT=1mA 7 10 mV IOUT=10mA 40 60 mV IOUT=50mA 120 150 mV Dropout Voltage VD IOUT=150mA 280 350 mV IOUT=0 80 100 μA IOUT=1mA 100 150 μA IOUT=10mA 280 330 μA IOUT=50mA 1050 1300 μA IOUT=150mA 2900 3300 μA Quiescent Current IQ OFF MODE VINH<0.18V 1.5 μA Supply Voltage Rejection SVR CBYP=0.01 μF, CO=10μF, f=1KHz 45 dB Control Input Logic Low VIL TJ=-20 ~ 125°C 0.15 V Control Input Logic High VIH TJ=-20 ~ 125°C 2 V TJ=-20 ~ 125°C, VSHDN=VIN 5 20 μA Control Input Current IINH TJ=-20 ~ 125°C, VSHDN=0V 0 -1 μA Output Noise Voltage eN B=300Hz ~ 50KHz CBYP=0.01 μF, CO=10μF 30 μV |