Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FT29F040B-150FD Arkusz danych(PDF) 4 Page - Force Technologies Ltd

Numer części FT29F040B-150FD
Szczegółowy opis  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORCE [Force Technologies Ltd]
Strona internetowa   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT29F040B-150FD Arkusz danych(HTML) 4 Page - Force Technologies Ltd

  FT29F040B-150FD Datasheet HTML 1Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 2Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 3Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 4Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 5Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 6Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 7Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 8Page - Force Technologies Ltd FT29F040B-150FD Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CONNECTION DIAGRAMS
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PDIP
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
131 30
2
3
432
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32-Pin Standard TSOP
32-Pin Reverse TSOP
FT29F040B
Rev 2
Page 4 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com