Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AON7556 Arkusz danych(PDF) 1 Page - Alpha & Omega Semiconductors

Numer części AON7556
Szczegółowy opis  RoHS and Halogen-Free Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AOSMD [Alpha & Omega Semiconductors]
Strona internetowa  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7556 Arkusz danych(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7556 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7556 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7556 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7556 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7556 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7556 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON7556
General Description
Product Summary
VDS
ID (at VGS=10V)
12A
RDS(ON) (at VGS=10V)
< 10.5m
RDS(ON) (at VGS=4.5V)
< 16.5m
Applications
100% UIS Tested
100% Rg Tested
Symbol
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Maximum
Units
AON7556
DFN 3x3 EP
Tape & Reel
5000
30V N-Channel AlphaMOS
Orderable Part Number
Package Type
Form
Minimum Order Quantity
30V
• Trench Power AlphaMOS (αMOS LV) technology
• Low RDS(ON)
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
G
D
S
Top View
1
2
3
4
8
7
6
5
DFN 3x3 EP
Top View
Bottom View
Pin 1
Pin 1
Symbol
VDS
VGS
IDM
IAS
Avalanche energy
L=0.05mH
C
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Power Dissipation
B
5
TC=100°C
10µs
PD
30
36
12.5
Gate-Source Voltage
Pulsed Drain Current
C
9.4
Parameter
Drain-Source Voltage
Continuous Drain
Current
G
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
8
60
10
V
A
±20
V
Maximum
Units
W
ID
V
A
18
A
48
IDSM
10.5
mJ
8
12
12
Maximum Junction-to-Ambient
A
°C/W
RθJA
24
47
30
Thermal Characteristics
Parameter
Max
TA=70°C
2.6
°C
Units
Junction and Storage Temperature Range
-55 to 150
Typ
PDSM
W
TA=25°C
4.1
Power Dissipation
A
TA=25°C
TA=70°C
TC=25°C
TC=100°C
TC=25°C
Avalanche Current
C
Continuous Drain
Current
G
Rev.1.0: February 2014
www.aosmd.com
Page 1 of 6


Podobny numer części - AON7556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Alpha & Omega Semicondu...
AON7502 AOSMD-AON7502 Datasheet
279Kb / 6P
30V N-Channel AlphaMOS
AON7506 AOSMD-AON7506 Datasheet
330Kb / 6P
30V N-Channel AlphaMOS
AON7508 AOSMD-AON7508 Datasheet
238Kb / 6P
30V N-Channel AlphaMOS
AON7510 AOSMD-AON7510 Datasheet
76Kb / 1P
AON7510
AON7514 AOSMD-AON7514 Datasheet
276Kb / 6P
RoHS and Halogen-Free Compliant
More results

Podobny opis - AON7556

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
RoHS and Halogen-Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com