Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C13867 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C13867
Szczegółowy opis  Basepart for LENA and LENINA reflectors.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13867 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C13867 Datasheet HTML 1Page - Ledil, Inc. C13867 Datasheet HTML 2Page - Ledil, Inc. C13867 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C13867_LENA-STD-BASE-VERO29
LENA-STD-BASE-VERO29
Basepart for LENA and LENINA reflectors.
Compatible with Bridgelux VERO29.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 80 mm
Height
11.6 mm
Fastening
screw
Colour
white
Box size
270 x 180 x 115 mm
Box weight
3.9 kg
Quantity in Box
60 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LENA-STD-BASE-VERO29
Base part
PC
white
Last update: 26/04/2016
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - C13867

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
C13866 CREE-C13866 Datasheet
1Mb / 28P
Strada series
logo
Ledil, Inc.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
logo
Lumileds Lighting Compa...
C13866_STRADA-SQ-CY LUMILEDS-C13866_STRADA-SQ-CY Datasheet
1Mb / 19P
PRODUCT DATASHEET Strada-SQ series
logo
Ledil, Inc.
C13868 LEDIL-C13868 Datasheet
5Mb / 3P
Basepart for LENA and LENINA reflectors.
logo
Cree, Inc
C13869 CREE-C13869 Datasheet
1Mb / 21P
Vanessa series
More results

Podobny opis - C13867

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C12153 LEDIL-C12153 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors
C12229 LEDIL-C12229 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12292 LEDIL-C12292 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12691 LEDIL-C12691 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12924 LEDIL-C12924 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C13088 LEDIL-C13088 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C13324 LEDIL-C13324 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C15083 LEDIL-C15083 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C13186 LEDIL-C13186 Datasheet
2Mb / 3P
Basepart for LENA and LENINA reflectors.
C12105 LEDIL-C12105 Datasheet
1Mb / 3P
Basepart for LENA and LENINA reflectors.
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com