| Zakładka z wyszukiwarką danych komponentów |
|
MM82PC12JM/A Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM82PC12JM/A Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Connection Diagrams Dual-In-Line Package TLC5596 – 10 Top View Order Number MM82PC12J or N See NS Package Number J24A or N24A Plastic Chip Carrier TLC5596 – 12 Top View Order Number MM82PC12V See NS Package Number V28A Logic Diagram TLC5596 – 11 Logic Table A STB MD DS1 DS2 Data Out Equals 0 0 0 TRI-STATE 1 0 0 TRI-STATE 0 1 0 Data Latch 1 1 0 Data Latch 0 0 1 Data Latch 1 0 1 Data In 0 1 1 Data In 1 1 1 Data In Note CLR K resets data latch to the output low state The data latch clock is level sensitive a low level clock latches the data Logic Table B CLR DS1 DS2 STB Q INT 0 RESET 0 0 0 1 10 0 0 1 10 K 10 1 1 RESET 0 0 0 10 0 0 1 Internal Service Request flip-flop 5 |