Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV9212 Arkusz danych(PDF) 17 Page - STMicroelectronics

Numer części STV9212
Szczegółowy opis  Video Processor for CRT Monitors with PictureBooST
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9212 Arkusz danych(HTML) 17 Page - STMicroelectronics

Back Button STV9212 Datasheet HTML 13Page - STMicroelectronics STV9212 Datasheet HTML 14Page - STMicroelectronics STV9212 Datasheet HTML 15Page - STMicroelectronics STV9212 Datasheet HTML 16Page - STMicroelectronics STV9212 Datasheet HTML 17Page - STMicroelectronics STV9212 Datasheet HTML 18Page - STMicroelectronics STV9212 Datasheet HTML 19Page - STMicroelectronics STV9212 Datasheet HTML 20Page - STMicroelectronics STV9212 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17/34
STV9212
Functional Description
resistors of approximately 40 k
Ω to ground. The V
briDC varies with bits BRIG[7:0] and does not
depend on bits
BRIGRG[1:0]. See Figure 17.
Figure 17: CO1, CO2 and CO3 Outputs while MOD = 0
CO1
17
15
16
CO2
CO3
19
VCO(3)
VCOmin
VbriDC
brightness through G1
I²C:
BRIG
fixed DC
Channel 1
Channel 2
Channel 3
GNDP
Note: Channels 1 and 2 shown with CO1 and CO2 outputs left open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34