| Zakładka z wyszukiwarką danych komponentów |
|
XH2 Arkusz danych(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XH2 Arkusz danych(HTML) 7 Page - Omron Electronics LLC |
|
7 / 8 page ![]() Half-pitch Board-to-Board Connectors XH2 7 ■ Contact Numbers Item Model Mated diagram Mounting holes (bottom view) Plug, Straight Terminals Plug, Right-angle Terminals Socket, Straight Terminals Socket, Right-angle Terminals Reference Triangular mark Reference Triangular mark Reference Triangular mark Reference Triangular mark Reference Triangular mark Reference Triangular mark Reference Triangular mark Reference Triangular mark • Contact numbers are not printed on the connectors. Use the triangular mark ( ▼) as a guide when designing and mounting to boards. • On the mating side, the row of terminals on the triangular mark side are called row a, and the row on the other side is called row b. The numbers are in the order shown. • The triangular marks on the plug and socket must be aligned when mated. The contact numbers on both sides must match. ■ Precautions Correct Use Mating Compatibility XH2 Half-pitch Connectors do not mate with XH3 or XH4 Half-pitch Connectors. Special Finish for Preventing Flux Rise XH2 Connectors (i.e., Straight Terminals) have a special finish that prevents flux rise. (The Connectors are designed for auto- mated soldering. Brush coating flux from the back of the board applies too much flux and may nullify the special finish. Never use this method to apply flux.) Soldering Automated soldering Use tape to mask the Right-angle Terminal Connector prior to automated soldering. Automated Soldering Conditions (Jet Flow) 1. Soldering temperature: 250±5 °C 2. Continuous soldering time: Within 5±1 s Masking tape |