| Zakładka z wyszukiwarką danych komponentów |
|
TSS901EA/883 Arkusz danych(PDF) 16 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
TSS901EA/883 Arkusz danych(HTML) 16 Page - ATMEL Corporation |
|
16 / 31 page ![]() 16 TSS901E Rev. C – 24-Aug-01 Electrical Specifications The following data is provided for information only; for the guaranteed values, refer to Atmel procurement specification. Absolute Maximum Ratings Stresses above those listed may cause permanent damage to the device. DC Electrical Characteristics Specified at V CC = + 5 V ± 10% (TSS901E will only work with 5V) Although specified for TTL outputs, all TSS901E outputs are CMOS compatible and will drive to VCC and GND assuming no dc loads. Max. power consumption figures (at 5.5V, 125°C) are: Parameter Symbol Value Unit Supply Voltage V CC -0.5 to +7 V I/O Voltage -0.5 to VCC + 0.5 V Operating Temperature Range (Ambient) T A -55 to +125 ° C Junction Temperature T J T J < TA +20 ° C Storage Temperature Range T stg -65 to +150 ° C Parameter Symbol Min. Max. Unit Conditions Operating Voltage V CC 4.5 5.5 V Input HIGH Voltage V IH 2.0 V Input LOW Voltage V IL 0.8 V Output HIGH Voltage V OH 2.4 V max. output current Output LOW Voltage V OL 0.4 V max. output current Output Short circuit current I OS 160 130 mA mA V OUT = VCC V OUT = GND Operation Mode Power consumption [mA] not clocked 5 TSS901E in RESET 45 TSS901E in IDLE 70 Maximum 190 |