Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CP12819 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części CP12819
Szczegółowy opis  ~25째 medium beam optimized
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12819 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  CP12819 Datasheet HTML 1Page - Ledil, Inc. CP12819 Datasheet HTML 2Page - Ledil, Inc. CP12819 Datasheet HTML 3Page - Ledil, Inc. CP12819 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP12819_EVA-M
EVA-M
~25° medium beam optimized for LUXEON M
and MX. Assembly with holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37.7 mm
Height
17 mm
Fastening
screw, glue
Colour
black
Box size
480 x 280 x 300 mm
Box weight
10 kg
Quantity in Box
675 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
EVA-M
Lens
PMMA
clear
EVA-HLD-LUXEON-M
Holder
PC
black
Last update: 02/04/2013
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CP12819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CP12817 LEDIL-CP12817 Datasheet
2Mb / 5P
~8.5째 spot beam optimized
logo
Cree, Inc
CP12817-LXP3-RS2 CREE-CP12817-LXP3-RS2 Datasheet
508Kb / 7P
Leila series
logo
Ledil, Inc.
CP12818 LEDIL-CP12818 Datasheet
2Mb / 4P
~16째 diffused spot beam optimized
More results

Podobny opis - CP12819

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
CA12536 LEDIL-CA12536 Datasheet
5Mb / 10P
~25째 medium beam
CA11483 LEDIL-CA11483 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E.
FCA12777 LEDIL-FCA12777 Datasheet
3Mb / 5P
~25째 medium beam optimized for CREE XM-L.
CA12666 LEDIL-CA12666 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE XB-D.
FA10660 LEDIL-FA10660 Datasheet
2Mb / 7P
~25째 medium beam optimized for CREE XP-E
FCA12792 LEDIL-FCA12792 Datasheet
4Mb / 5P
~25째 medium beam optimized for CREE XP-E.
FCN10783 LEDIL-FCN10783 Datasheet
1Mb / 4P
~25째 medium beam optimized for LedEngin LZ1(00XW00)
CA12239 LEDIL-CA12239 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE MT-G.
CA12881 LEDIL-CA12881 Datasheet
1Mb / 5P
~25째 medium beam optimized for LUXEON M/MX
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com