| Zakładka z wyszukiwarką danych komponentów |
|
LR9270HL-25-AF5-R Arkusz danych(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR9270HL-25-AF5-R Arkusz danych(HTML) 5 Page - Unisonic Technologies |
|
5 / 7 page ![]() LR9270 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 7 www.unisonic.com.tw QW-R502-A62.E ELECTRICAL CHARACTERISTICS(Cont.) LR9270H-xx PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Input Voltage VIN 6.0 V Supply Current ISS VIN-VOUT=1.0V, VCE=VIN 80 160 µA Standby Current ISTB VIN=6.0V, VCE=GND 0.1 1.0 µA Output Voltage VOUT VIN-VOUT=1.0V, IOUT=100mA x0.98 x1.02 V Output Current IOUT VIN-VOUT=1.0V 800 mA Load Regulation ∆VOUT VIN-VOUT=1.0V, 1mA≤IOUT≤300mA 30 100 mV VOUT=1.2 0.6 0.7 V VOUT=1.5 0.35 0.45 V VOUT=1.6 0.30 0.35 V VOUT=1.7 0.25 0.30 V VOUT=1.8≤VOUT≤2.0 0.20 0.25 V VOUT=2.1≤VOUT≤2.4 0.15 0.20 V Dropout Voltage VDIF IOUT=300mA VOUT=2.5≤VOUT≤4.0 0.12 0.18 V Line Regulation ∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤6.0V 0.05 0.30 %/V Ripple Rejection RR f=1kHz,Ripple 0.5Vp-p 50 dB Output Voltage Temperature Coefficient ∆VOUT/∆T -40°C≤TOPT≤ 85°C ±100 ppm /°C Short Current Limit ILIM VOUT=0V 40 mA Pull-down resistance for CE pin RPD 5.0 MΩ CE Input Voltage “H” VCEH 1.5 V CE Input Voltage “L” VCEL 0.25 V |