Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OL2385SWUG Arkusz danych(PDF) 27 Page - NXP Semiconductors

Numer części OL2385SWUG
Szczegółowy opis  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Arkusz danych(HTML) 27 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 23Page - NXP Semiconductors OL2385SWUG Datasheet HTML 24Page - NXP Semiconductors OL2385SWUG Datasheet HTML 25Page - NXP Semiconductors OL2385SWUG Datasheet HTML 26Page - NXP Semiconductors OL2385SWUG Datasheet HTML 27Page - NXP Semiconductors OL2385SWUG Datasheet HTML 28Page - NXP Semiconductors OL2385SWUG Datasheet HTML 29Page - NXP Semiconductors OL2385SWUG Datasheet HTML 30Page - NXP Semiconductors OL2385SWUG Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
27 / 64
For a more detailed description of the software driver API (function signatures,
parameters) refer to the API programmer's guide (included in the SIGFOX software driver
zip file).
6.2.4.3 Blocking and nonblocking functions
The SIGFOX driver includes functions for blocking and Nonblocking SPI communication.
Blocking functions send a SPI frame and wait for an acknowledgment frame from the
sample driver. Nonblocking functions send a SPI frame and immediately return. The user
has to call another function to receive an acknowledgment.
For the most part, the SIGFOX driver uses blocking communication functions because
they are simpler to implement. The user only needs to call a blocking function to send a
SPI command and to get a response containing the desired data.
Nonblocking functions are useful when the wait time for a response is several seconds.
This applies to SPI commands that involve transmissions to the SIGFOX network, such
as Send Payload, Send Bit and Send Out of Band. Nonblocking communication for
these types of SPI commands is more practical because the MCU can do useful work
while waiting for the acknowledgment. The functions in Table 6 implement nonblocking
communication, Figure 19 shows typical usage of these functions.
Table 6. Nonblocking functions
Function name
Description
SF_SendCommandNonBlock
Sends a SPI command to the SIGFOX device and does not wait
for an acknowledgment
SF_IsAckFrameReady
Checks if the SIGFOX device is ready to send an
acknowledgment
SF_ReadAckFrameNonBlock
Reads an acknowledgment frame
Figure 19. Using nonblocking functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64