Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M69AR048B Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części M69AR048B
Szczegółowy opis  32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AR048B Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button M69AR048B Datasheet HTML 2Page - STMicroelectronics M69AR048B Datasheet HTML 3Page - STMicroelectronics M69AR048B Datasheet HTML 4Page - STMicroelectronics M69AR048B Datasheet HTML 5Page - STMicroelectronics M69AR048B Datasheet HTML 6Page - STMicroelectronics M69AR048B Datasheet HTML 7Page - STMicroelectronics M69AR048B Datasheet HTML 8Page - STMicroelectronics M69AR048B Datasheet HTML 9Page - STMicroelectronics M69AR048B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
M69AR048B
6/29
SIGNAL DESCRIPTIONS
See Figure 2, Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A20). The Address Inputs
select the cells in the memory array to access dur-
ing Read and Write operations.
Data Inputs/Outputs (DQ8-DQ15). The
Upper
Byte Data Inputs/Outputs carry the data to or from
the upper part of the selected address during a
Write or Read operation, when Upper Byte Enable
(UB) is driven Low.
Data Inputs/Outputs (DQ0-DQ7). The
Lower
Byte Data Inputs/Outputs carry the data to or from
the lower part of the selected address during a
Write or Read operation, when Lower Byte Enable
(LB) is driven Low.
Chip Enable (E1). When asserted (Low), the
Chip Enable, E1, activates the memory state ma-
chine, address buffers and decoders, allowing
Read and Write operations to be performed. When
de-asserted (High), all other pins are ignored, and
the device is put, automatically, in low-power
Standby mode.
Chip Enable (E2). The Chip Enable, E2, puts the
device in Power-down mode (Deep Power-Down
or a Partial Power-Down mode ) when it is driven
Low. Deep Power-down mode is the lowest power
mode.
Output Enable (G). The Output Enable, G, pro-
vides a high speed tri-state control, allowing fast
read/write cycles to be achieved with the common
I/O data bus.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the device.
Upper Byte Enable (UB). The Upper Byte En-
able, UB, gates the data on the Upper Byte Data
Inputs/Outputs (DQ8-DQ15) to or from the upper
part of the selected address during a Write or
Read operation.
Lower Byte Enable (LB). The Lower Byte En-
able, LB, gates the data on the Lower Byte Data
Inputs/Outputs (DQ0-DQ7) to or from the lower
part of the selected address during a Write or
Read operation.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (Read, Write,
etc.) and for driving the refresh logic, even when
the device is not being accessed.
VSS Ground. The VSS Ground is the reference for
all voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com