| Zakładka z wyszukiwarką danych komponentów |
|
HRFC-R2 Arkusz danych(PDF) 5 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
HRFC-R2 Arkusz danych(HTML) 5 Page - Hirose Electric |
|
5 / 7 page ![]() 34 HRFC Series ●FC Type Fiber Optic Connectors ■Adapters ●Solid Body type ●Standard Body type ●Flange type ●Round type ■Panel Cutout ■Panel Cutout ■Panel Cutout Ø9 +0.5 0 +0.2 0 2∞M2∞0.4 or 2∞Ø2.4 13.4±0.1 Part Number CL No. Split sleeve Remarks HRFC-PA11-G1(40) 701-0071-2-40 Phosphor bronze -------- HRFC-PA11-D1(40) 701-0106-5-40 Zirconia (Note) Note: Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged Part Number CL No. Split sleeve Remarks HRFC-PA4-G1(40) 701-0068-8-40 Phosphor bronze -------- HRFC-PA4-D1(40) 701-0112-8-40 Zirconia (Note) Note: Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged Part Number CL No. Split sleeve Remarks HRFC-A2-SF(41) 701-0039-0-41 Phosphor bronze -------- HRFC-A2-SF-D1(40) 701-0140-3-40 Zirconia (Note) Note: Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged Part Number CL No. Mark Split sleeve Remarks HRFC-PA1-G1(41) 701-0014-9-41 FC-AP Phosphor bronze -------- HRFC-PA1-D1(40) 701-0089-8-40 FC-A Zirconia (Note) Note: Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to the FC plug or inserting in an odd angle, the zirconia slleve within the adapter might be dameged |