Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMP60R190PE Arkusz danych(PDF) 4 Page - MagnaChip Semiconductor.

Numer części MMP60R190PE
Szczegółowy opis  600V 0.190ohm N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MGCHIP [MagnaChip Semiconductor.]
Strona internetowa  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP60R190PE Arkusz danych(HTML) 4 Page - MagnaChip Semiconductor.

  MMP60R190PE Datasheet HTML 1Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 2Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 3Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 4Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 5Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 6Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 7Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 8Page - MagnaChip Semiconductor. MMP60R190PE Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMP60R190PE Datasheet
Jan. 2018 Revision 1.0
MagnaChip Semiconductor Ltd.
5
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Continuous Diode Forward
Current
IS
-
-
20
A
Diode Forward Voltage
VSD
-
-
1.4
V
IS = 20A, VGS = 0V
Reverse Recovery Time
trr
-
483
-
ns
IS = 20A
di/dt = 100A/us
VDD = 100V
Reverse Recovery Charge
Qrr
-
7.6
-
uC
Reverse Recovery Current
Irrm
-
31.5
-
A
 Reverse Diode Characteristics (T
c=25
oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com