| Zakładka z wyszukiwarką danych komponentów |
|
PI5A4597ACEX Arkusz danych(PDF) 1 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI5A4597ACEX Arkusz danych(HTML) 1 Page - Pericom Semiconductor Corporation |
|
1 / 6 page ![]() 1 PS8578C 01/05/05 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 Features • 8-ohm max. On-Resistance • 1.0-ohm max. On-Resistance Flatness • Fast Switching tON = 28ns max. tOFF = 35ns max. • Guaranteed 5pC max. Charge Injection • +2.0V to +5.5V Single-Supply Operation • 300 MHz -3dB Bandwidth at +25°C • TTL/CMOS-Logic Compatible • 80dB Off-Isolation at 1MHz • 0.5nA max. Off-Leakage • 0.05% THD • Packaging (Pb-free & Green available): - 5-pin SC70 (C) Description PI5A4594A/PI5A4596A are single-pole/single-throw (SPST) ana- log switches that operate from a single +2.0V to +5.5V supply. The PI5A4594A/PI5A4596A switches are normally open (NO), and the PI5A4595A/PI5A4597A are normally closed (NC). The PI5A4596A/ PI5A4597A pinouts are optimized for the highest SC70 package off-isolation available. These switches have 10-ohm max On-Resistance (RON), with 1.5- ohms max RON flatness over the analog signal range when powered from a +5V supply. Leakage currents are 0.5nA and fast switching times are less than 40ns. They are packaged in a compact 5-pin SC70 package. Block Diagrams/Pin Configurations/Truth Table Top Views COM PI5A4594A NO GND 1 2 3 5 4 V+ IN COM PI5A4595A NC GND 1 2 3 5 4 V+ IN IN PI5A4596A COM GND 1 2 3 5 4 V+ NO IN PI5A4597A COM GND 1 2 3 5 4 V+ NC t u p n n I e t a t S h c t i w S A 6 9 5 4 A 5 I P / A 4 9 5 4 A 5 I PA 7 9 5 4 A 5 I P / A 5 9 5 4 A 5 I P W O LF F ON O H G I HN OF F O Switches shown for Logic “0” input. PI5A4594A/4595A/4596A/4597A SOTINY™ Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches n i P e m a Nn o i t c n u F A 4 9 5 4 A 5 I PA 5 9 5 4 A 5 I PA 6 9 5 4 A 5 I PA 7 9 5 4 A 5 I P 1 1 22 M O Cn o m m o C , h c t i w S g o l a n A 2– 4 – O Nn e p O y l l a m r o N , h c t i w S g o l a n A 33 3 3 D N Gd n u o r G 44 1 1 N It u p n I l o r t n o C l a t i g i D 55 5 5 + Ve g a t l o V y l p p u S e v i t i s o P –2 – 4 C Nd e s o l C y l l a m r o N , h c t i w S g o l a n A Pin Description Note: NO, NC, and COM pins are identical and interchangeable. Any pin may be considered as an input or an output; signals pass Applications • Cellular Phones • Communications Circuits • Battery-Operated Equipment • DSL Modems • Audio and Video Signal Routing • PCMCIA Cards |
Podobny numer części - PI5A4597ACEX |
|
Podobny opis - PI5A4597ACEX |