| Zakładka z wyszukiwarką danych komponentów |
|
ADV3003ACPZ-R7 Arkusz danych(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV3003ACPZ-R7 Arkusz danych(HTML) 6 Page - Analog Devices |
|
6 / 16 page ![]() ADV3003 Data Sheet Rev. A | Page 6 of 16 TYPICAL PERFORMANCE CHARACTERISTICS TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, AVEE = 0 V, differential input swing = 1000 mV, pattern = PRBS 27 − 1, data rate = 2.25 Gbps, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted. REFERENCE EYE DIAGRAM AT TP1 DIGITAL PATTERN GENERATOR ADV3003 EVALUATION BOARD SERIAL DATA ANALYZER SMA COAX CABLE HDMI CABLE TP1 TP2 TP3 Figure 4. Test Circuit Diagram for Rx Eye Diagrams 0.125UI/DIV AT 2.25Gbps Figure 5. Rx Eye Diagram at TP2 (Cable = 2 Meters, 24 AWG) 0.125UI/DIV AT 2.25Gbps Figure 6. Rx Eye Diagram at TP2 (Cable = 20 Meters, 24 AWG) 0.125UI/DIV AT 2.25Gbps Figure 7. Rx Eye Diagram at TP3, EQ = 12 dB (Cable = 2 Meters, 24 AWG) 0.125UI/DIV AT 2.25Gbps Figure 8. Rx Eye Diagram at TP3, EQ = 12 dB (Cable = 20 Meters, 24 AWG) |