Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC563MZP40 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MPC563MZP40
Szczegółowy opis  RISC MCU Including Peripheral Pin Multiplexing with Flash and Code Compression Options
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC563MZP40 Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MPC563MZP40 Datasheet HTML 3Page - Motorola, Inc MPC563MZP40 Datasheet HTML 4Page - Motorola, Inc MPC563MZP40 Datasheet HTML 5Page - Motorola, Inc MPC563MZP40 Datasheet HTML 6Page - Motorola, Inc MPC563MZP40 Datasheet HTML 7Page - Motorola, Inc MPC563MZP40 Datasheet HTML 8Page - Motorola, Inc MPC563MZP40 Datasheet HTML 9Page - Motorola, Inc MPC563MZP40 Datasheet HTML 10Page - Motorola, Inc MPC563MZP40 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MPC561/MPC563
PRODUCT BRIEF
MOTOROLA
7
Figure 3 MPC561 / MPC563 Ball Map
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
17
18
19
20
21
22
23
24
25
26
A
VDD
VSS
VSS
VSS
A_TPUCH3 A_TPUCH7
A_TPUCH
11
A_TPUCH15
VSSA
VRL
A_AN3_A
NZ_PQB3
A_AN51_P
QB7
A_AN55_
PQA3
A_AN56_P
QA4
B_AN0_AN
W_PQB0
B_AN48_
PQB4
B_AN52_M
A0_PQA0
B_AN56_P
QA4
VSS
ETRIG2_
PCS7
MDA13
MDA28
VSS
VSS
VDD
VSS
A
B
VSS
VDD
VSS
VSS
A_TPUCH2 A_TPUCH6
A_TPUCH
10
A_TPUCH14
VSSA
ALTREF
A_AN2_A
NY_PQB2
A_AN50_P
QB6
A_AN54_
MA2_PQ
A2
A_AN58_P
QA6
B_AN1_AN
X_PQB1
B_AN49_
PQB5
B_AN53_M
A1_PQA1
B_AN57_P
QA5
VSS
ETRIG1_
PCS6
MDA14
MDA29
VSS
VDD
VSS
QVDDL
B
C
VSS
VSS
VDD
VSS
A_TPUCH1 A_TPUCH4
A_TPUCH
8
A_TPUCH12
NVDDL
VRH
A_AN0_A
NW_PQB
0
A_AN48_P
QB4
A_AN52_
MA0_PQ
A0
A_AN59_P
QA7
B_AN2_AN
Y_PQB2
B_AN50_
PQB6
B_AN54_M
A2_PQA2
B_AN58_P
QA6
VDDH
MDA11
MDA15
VDDH
VDD
VSS
QVDDL
VSS
C
D
VSS
VSS
VSS
VDD
VSS
A_TPUCH5
A_TPUCH
9
A_TPUCH13
NVDDL
VDDA
A_AN1_A
NX_PQB1
A_AN49_P
QB5
A_AN53_
MA1_PQ
A1
A_AN57_P
QA5
B_AN3_AN
Z_PQB3
B_AN51_
PQB7
B_AN55_P
QA3
B_AN59_P
QA7
VDDH
MDA12
MDA27
VDD
VSS
QVDDL
VSS
VSS
D
E
VDDH
VSS
VSS
VSS
QVDDL
VSS
VSS
VSS
E
F
B_T2CLK_P
CS4
A_T2CLK_
PCS5
A_TPUCH
0
QVDDL
VDDH
MDA30
MDA31
MPWM0_MD
I1
F
G
B_TPUCH12
B_TPUCH1
3
B_TPUCH
14
B_TPUCH1
5
MPWM1_MD
O2
MPWM16
MPWM3_PP
M_RX1
MPWM2_PP
M_TX1
G
H
B_TPUCH8 B_TPUCH9
B_TPUCH
10
B_TPUCH1
1
MPWM17_M
DO3
MPWM18_MD
O6
MPWM19_M
DO7
MPIO32B5_
MDO5
H
J
B_TPUCH4 B_TPUCH5
B_TPUCH
6
B_TPUCH7
MPIO32B6_
MPWM4_MD
O6
MPIO32B7_MP
WM5
MPIO32B8_
MPWM20
MPIO32B9_
MPWM21
J
K
B_TPUCH0 B_TPUCH1
B_TPUCH
2
B_TPUCH3
MPIO32B12_
C_CNTX0
MPIO32B11_C
_CNRX0
MPIO32B10_
PPM_TSYNC
MPIO32B13_
PPM_TCLK
K
L
JCOMP_RS
TI_B
TCK_DSCK
_MCKI
B_CNRX0 B_CNTX0
VSS
VSS
VSS
VSS
VSS
VSS
VF0_MPIO32
B0_MDO1
VF1_MPIO32B
1_MCKO
MPIO32B15_
PPM_TX0
MPIO32B14_
PPM_RX0
L
M
TDI_DSDI_
MDI0
TMS_EVTI
_B
VDDSRA
M
TDO_DSD
O_MDO0
VSS
VSS
VSS
VSS
VSS
VSS
A_CNTX0
VF2_MPIO32B
2_MSEI_B
VFLS0_MPIO
32B3_MSEO
_B
VFLS1_MPIO
32B4
M
N
IRQ3_B_KR
_B_RETRY
_B_SGPIO
C3
IWP0_VFL
S0
IWP1_VFL
S1
SGPIOC6_
FRZ_PTR_
B
VSS
VSS
VSS
VSS
VSS
VSS
PCS2_QGPI
O2
PCS1_QGPIO1
PCS0_SS_B_
QGPIO0
A_CNRX0
N
P
IRQ4_B_AT
2_SGPIOC4
IRQ2_B_C
R_B_SGPI
OC2_MDO
5_MTS
IRQ0_B_S
GPIOC0_
MDO4
IRQ1_B_R
SV_B_SG
PIOC1
VSS
VSS
VSS
VSS
VSS
VSS
SCK_QGPIO
6
MOSI_QGPIO5
MISO_QGPI
O4
PCS3_QGPI
O3
P
R
SGPIOC7_I
RQOUT_B_
LWP0
BB_B_VF2
_IWP3
BG_B_VF
0_LWP1
BR_B_VF1
_IWP2
VSS
VSS
VSS
VSS
VSS
VSS
RXD1_QGPI
1
TXD2_QGPO2
_C_CNTX0
TXD1_QGPO
1
PULL-SEL
R
T
WE_B_AT0 WE_B_AT1
WE_B_AT
2
WE_B_AT
3
VSS
VSS
VSS
VSS
VSS
VSS
EPEE
BOEPEE
VDDH
RXD2_QGPI
2_C_CNRX0
T
U
CS0_B
CS1_B
CS2_B
CS3_B
CLKOUT
VSSF
VDDF
VFLASH
U
V
RD_WR_B
OE_B
TEA_B
TSIZ0
VDD
EXTCLK
VSS
ENGCLK_BU
CLK
V
W
TSIZ1
TS_B
TA_B
BDIP_B
HRESET_B
SRESET_B
PORESET_B
_TRST_B
KAPWR
W
Y
BURST_B
BI_B_STS_
B
ADDR_SG
PIOA12
ADDR_SG
PIOA11
NVDDL
IRQ7_B_MODC
K3
RSTCONF_B
_TEXP
VDDSYN
Y
AA
VSS
VSS
VSS
QVDDL
VSS
VSS
VSS
XFC
AA
AB
VSS
VSS
QVDDL
VSS
QVDDL
VSS
VSS
VSSSYN
AB
AC
VSS
QVDDL
VSS
NVDDL
VSS
ADDR_SGP
IOA10
ADDR_SG
PIOA18
ADDR_SGPI
OA20
ADDR_SG
PIOA23
NVDDL
ADDR_S
GPIOA26
DATA_SG
PIOD1
DATA_SG
PIOD5
DATA_SG
PIOD7
NVDDL
DATA_SG
PIOD9
DATA_SGP
IOD11
DATA_SG
PIOD12
NVDDL
DATA_S
GPIOD14
VSS
VDD
VSS
QVDDL
VSS
EXTAL
AC
AD
QVDDL
VSS
NVDDL
VSS
VSS
QVDDL
ADDR_SG
PIOA13
ADDR_SGPI
OA16
ADDR_SG
PIOA19
ADDR_SGP
IOA21
ADDR_S
GPIOA24
ADDR_SG
PIOA25
DATA_SG
PIOD0
DATA_SG
PIOD28
DATA_SGP
IOD26
DATA_SG
PIOD24
DATA_SGP
IOD22
DATA_SG
PIOD13
DATA_SGPI
OD15
DATA_S
GPIOD16
IRQ5_B_S
GPIOC5_M
ODCK1
VSS
VDD
VSS
QVDDL
XTAL
AD
AE
VSS
NVDDL
VSS
VSS
VSS
QVDDL
ADDR_SG
PIOA14
ADDR_SGPI
OA17
ADDR_SG
PIOA31
ADDR_SGP
IOA30
ADDR_S
GPIOA28
ADDR_SG
PIOA29
DATA_SG
PIOD30
DATA_SG
PIOD29
DATA_SGP
IOD27
DATA_SG
PIOD25
DATA_SGP
IOD23
DATA_SG
PIOD21
DATA_SGPI
OD19
DATA_S
GPIOD17
IRQ6_B_M
ODCK2
VSS
VSS
VDD
VSS
QVDDL
AE
AF
NVDDL
VSS
VSS
VSS
VDDH
VSS
ADDR_SG
PIOA15
ADDR_SGPI
OA9
ADDR_SG
PIOA8
ADDR_SGP
IOA22
ADDR_S
GPIOA27
DATA_SG
PIOD31
DATA_SG
PIOD3
DATA_SG
PIOD2
DATA_SGP
IOD4
DATA_SG
PIOD6
DATA_SGP
IOD8
DATA_SG
PIOD10
DATA_SGPI
OD20
DATA_S
GPIOD18
VDDH
VSS
VSS
VSS
VDD
VSS
AF
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
17
18
19
20
21
22
23
24
25
26
MPC561 / MPC563 Ball Map
(As viewed from top, through the package and silicon)
NOTE: The flash balls are only available on the MPC563 and MPC564. These are no connect balls on
the MPC561 and MPC562. Flash supplies and inputs are located on the following balls: T23, T24, U24,
U25. U26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12