Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAP3702 Arkusz danych(PDF) 9 Page - MagnaChip Semiconductor.

Numer części MAP3702
Szczegółowy opis  600kHz 1-CH White LED Driver for Mobile Backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MGCHIP [MagnaChip Semiconductor.]
Strona internetowa  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3702 Arkusz danych(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MAP3702 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 11Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 12Page - MagnaChip Semiconductor. MAP3702 Datasheet HTML 13Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Confidential
Datasheet Version 1.1
Jun 28
th 2013
Application Information
CURRENT MODE BOOST SWITCHING CONVERER OPERATION
The MAP3702 employs current mode control boost architecture that has a fast current sense loop and a slow
voltage feedback loop. Internal slope compensation feature ensures stable CCM operation.
Such architecture achieves a fast transient response that is essential for the LED backlight application.
SOFT-START
The MAP3702 has following two soft-start circuitry internally to smooth start-up and reduce the start-up current.
(1) After the device is enabled, the FB pin voltage ramps to the reference voltage(200mV) in 32 steps, each step
takes 213μs.
(2) After the COMP voltage ramps, for the first 5msec, the current limit of the internal boost MOSFET is set to typ.
0.4A.
LED CURRENT SETTING
The FB pin voltage can be regulated up to 200mV. Max. LED current value is programmed by external current
sense resistor in series with the LED string and calculated by following equation.
To reduce LED current tolerance, 1% resistor should be used.
ISET
FB
LED
R
V
I
=
DIMMING MODE SELECTION
The MAP3702 offers two dimming modes, filtered-PWM and the SWIRE digital dimming. The CTRL pin is used for
the control input for both dimming modes. The MAP3702 checks the dimming mode each time the device is enabled.
The default mode is filtered-PWM dimming. To enter SWIRE mode, the following digital pattern must be applied to
the CTRL pin every time the MAP3702 starts from the shutdown mode.
(1) Pull CTRL pin high to enable the MAP3702 and to start the SWIRE detection window.
(2) After the SWIRE detection delay (tDELAY, min. 100μs) ends, the CTRL should be low for more than the SWIRE
detection time (tDET, min. 260μs).
(3) The CTRL pin should be low for more than SWIRE detection time before the SWIRE detection window (tWIN,
min. 1msec) ends. The SWIRE detection window starts from the first CTRL pin low to high transition.
Once the above 3 conditions are met, the MAP3702 enters the SWIRE mode immediately. The SWIRE
communication can start before the detection window ends. Once the dimming mode is selected, it cannot be
changed without another start up. This means the IC needs to be shutdown by pulling the CTRL low for more than
2.0ms and restarts to change dimming mode. When the IC enters shutdown mode, the MAP3702 memorizes the
latest FB voltage(the latest programming code) before shutdown and when re-enters the SWIRE mode, the
MAP3702 outputs the memorized FB voltage otherwise new programming code is applied.
\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com