| Zakładka z wyszukiwarką danych komponentów |
|
ICS950223 Arkusz danych(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950223 Arkusz danych(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 24 page ![]() 13 Integrated Circuit Systems, Inc. ICS950223 0496C—05/06/05 I 2C Table: VCO Frequency Control Register Bit 7 N Div8 N Divider Bit 8 RW - - X Bit 6 M Div6 RW - - X Bit 5 M Div5 RW - - X Bit 4 M Div4 RW - - X Bit 3 M Div3 RW - - X Bit 2 M Div2 RW - - X Bit 1 M Div1 RW - - X Bit 0 M Div0 RW - - X I 2C Table: VCO Frequency Control Register Bit 7 N Div7 RW - - X Bit 6 N Div6 RW - - X Bit 5 N Div5 RW - - X Bit 4 N Div4 RW - - X Bit 3 N Div3 RW - - X Bit 2 N Div2 RW - - X Bit 1 N Div1 RW - - X Bit 0 N Div0 RW - - X I 2C Table: Spread Spectrum Control Register Bit 7 SSP7 RW - - X Bit 6 SSP6 RW - - X Bit 5 SSP5 RW - - X Bit 4 SSP4 RW - - X Bit 3 SSP3 RW - - X Bit 2 SSP2 RW - - X Bit 1 SSP1 RW - - X Bit 0 SSP0 RW - - X I 2C Table: Spread Spectrum Control Register Bit 7 Reserved Reserved R - - 1 Bit 6 Reserved Reserved R - - 0 Bit 5 SSP13 RW - - X Bit 4 SSP12 RW - - X Bit 3 SSP11 RW - - X Bit 2 SSP10 RW - - X Bit 1 SSP9 RW - - X Bit 0 SSP8 RW - - X 1PWD It is recommended to use ICS Spread % table for spread programming. - - - - Type - - - 0 Byte 14 Pin # Name Control Function - - - - Name Control Function 1 1 0 - - - These Spread Spectrum bits will program the spread pecentage. It is recommended to use ICS Spread % table for spread programming. PWD The decimal representation of N Div (8:0) + 8 is equal to VCO divider value. Default at power up = latch-in or Byte 0 Rom table. Type 0 PWD - - - - Byte 13 Pin # Type 0 - - Name Control Function Byte 11 Pin # - - - 1PWD The decimal representation of M Div (6:0) +2 is equal to reference divider value. Default at power up = latch-in or Byte 0 Rom table. - - - - Name Control Function Type - - - Byte 12 Pin # - - |