Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LDECA1120MA0N00 Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części LDECA1120MA0N00
Szczegółowy opis  LDE, Film, Metallized PEN Stacked, Automotive Grade, 1200 pF, 20%, 50 V, 40 VAC, 125C, 1206, 1.1mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDECA1120MA0N00 Arkusz danych(HTML) 1 Page - Kemet Corporation

  LDECA1120MA0N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: LDECA1120MA0N00
(DECA1120MA0N00)
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1200 pF, 20%, 50 V, 40 VAC, 125C, 1206, 1.1mm
T
Dimensions
Chip Size
1206
L
3.3mm +0.3/-0.1mm
W
1.7mm +/-0.2mm
T
1.1mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 3000
General Information
Supplier: KEMET
Series: LDE
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Features: Automotive Grade
RoHS: Yes
Qualifications: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 1200 pF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC
Voltage AC: 40 VAC
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.8% 1kHz
Insulation Resistance: 1 GOhms
Max dV/dt: 100 V/us
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 6/20/2018 - f81f9c08-1679-4e40-b6a5-bdf347873878


Podobny numer części - LDECA1120MA0N00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LDECA1120 ETC1-LDECA1120 Datasheet
499Kb / 8P
PEN-PET H.T
logo
Kemet Corporation
LDECA1120KA0N00 KEMET-LDECA1120KA0N00 Datasheet
59Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1200 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
More results

Podobny opis - LDECA1120MA0N00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
LDECA1100JA0N00 KEMET-LDECA1100JA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1000 pF, 5%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1180KA0N00 KEMET-LDECA1180KA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1800 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1560JA0N00 KEMET-LDECA1560JA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 5600 pF, 5%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1390KA0N00 KEMET-LDECA1390KA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 3900 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1560KA0N00 KEMET-LDECA1560KA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 5600 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1820KA0N00 KEMET-LDECA1820KA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 8200 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1220MA0N00 KEMET-LDECA1220MA0N00 Datasheet
59Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 2200 pF, 20%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1150KA0N00 KEMET-LDECA1150KA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1500 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1120KA0N00 KEMET-LDECA1120KA0N00 Datasheet
59Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 1200 pF, 10%, 50 V, 40 VAC, 125C, 1206, 1.1mm
LDECA1470JA0N00 KEMET-LDECA1470JA0N00 Datasheet
60Kb / 1P
LDE, Film, Metallized PEN Stacked, Automotive Grade, 4700 pF, 5%, 50 V, 40 VAC, 125C, 1206, 1.1mm
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com