Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431ACLPRE3 Arkusz danych(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Numer części TL431ACLPRE3
Szczegółowy opis  Precision Programmable Reference
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL431ACLPRE3 Arkusz danych(HTML) 48 Page - Texas Instruments

Back Button TL431ACLPRE3 Datasheet HTML 44Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 45Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 46Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 47Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 48Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 49Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 50Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 51Page - Texas Instruments TL431ACLPRE3 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL431BIDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
TL431BIDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431BIDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431BIPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431BQDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431BQDBVT
SOT-23
DBV
5
250
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL431BQDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
TL431BQDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431BQDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431BQDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431BQDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431BQDCKR
SC70
DCK
6
3000
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BQDCKT
SC70
DCK
6
250
179.0
8.4
2.2
2.5
1.2
4.0
8.0
Q3
TL431BQDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TL431CDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431CDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431CDBVT
SOT-23
DBV
5
250
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TL431CDBVTG4
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431CDBZR
SOT-23
DBZ
3
3000
178.0
9.2
3.15
2.77
1.22
4.0
8.0
Q3
TL431CDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431CDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431CDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
TL431CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431CPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431CPKE6
SOT-89
PK
3
1000
180.0
13.0
4.91
4.52
1.9
8.0
12.0
Q3
TL431CPSR
SO
PS
8
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
TL431CPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
TL431IDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBVRG4
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
TL431IDBZR
SOT-23
DBZ
3
3000
179.0
8.4
3.15
2.95
1.22
4.0
8.0
Q3
TL431IDBZR
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431IDBZRG4
SOT-23
DBZ
3
3000
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431IDBZT
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431IDBZTG4
SOT-23
DBZ
3
250
180.0
8.4
3.15
2.77
1.22
4.0
8.0
Q3
TL431IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431IDR
SOIC
D
8
2500
330.0
12.8
6.4
5.2
2.1
8.0
12.0
Q1
TL431IDRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL431IPK
SOT-89
PK
3
1000
180.0
12.4
4.91
4.52
1.9
8.0
12.0
Q3
TL431QDBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Sep-2018
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82