| Zakładka z wyszukiwarką danych komponentów |
|
AD9524 Arkusz danych(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9524 Arkusz danych(HTML) 29 Page - Analog Devices |
|
29 / 56 page ![]() Data Sheet AD9524 Rev. F | Page 29 of 56 Data Transfer Format Send byte format. The send byte protocol is used to set up the register address for subsequent commands. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A P Write byte format. The write byte protocol is used to write a register address to the RAM, starting from the specified RAM address. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Receive byte format. The receive byte protocol is used to read the data byte(s) from the RAM, starting from the current address. S Slave Address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P Read byte format. The combined format of the send byte and the receive byte. S Slave Address W A RAM Address High Byte A RAM Address Low Byte A Sr Slave Address R A RAM Data 0 A RAM Data 1 A RAM Data 2 A P I²C Serial Port Timing SDA SCL S Sr P S tFALL tSET; DAT tLOW tRISE tHLD; STR tHLD; DAT tHIGH tFALL tSET; STR tHLD; STR tSPIKE tSET; STP tRISE tIDLE Figure 35. I²C Serial Port Timing Table 24. I2C Timing Definitions Parameter Description fI2C I²C clock frequency tIDLE Bus idle time between stop and start conditions tHLD; STR Hold time for repeated start condition tSET; STR Setup time for repeated start condition tSET; STP Setup time for stop condition tHLD; DAT Hold time for data tSET; DAT Setup time for data tLOW Duration of SCL clock low tHIGH Duration of SCL clock high tRISE SCL/SDA rise time tFALL SCL/SDA fall time tSPIKE Voltage spike pulse width that must be suppressed by the input filter |