Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90621 Arkusz danych(PDF) 38 Page - Melexis Microelectronic Systems

Numer części MLX90621
Szczegółowy opis  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Arkusz danych(HTML) 38 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 42Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 38 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Power dissipation within the package may affect performance in two ways: by heating the “ambient” sensitive
element significantly beyond the actual ambient temperature, as well as by causing gradients over the package that
will inherently cause thermal gradient over the cap
Power supply decoupling capacitor is needed as with most integrated circuits. MLX90621 is a mixed-signal device
with sensors, small signal analog part, digital part and I/O circuitry. In order to keep the noise low power supply
switching noise needs to be decoupled. High noise from external circuitry can also affect noise performance of the
device. In many applications a 100nF SMD ceramic capacitor close to the Vdd and Vss pins would be a good choice. It
should be noted that not only the trace to the Vdd pin needs to be short, but also the one to the Vss pin. Using
MLX90621 with short pins improves the effect of the power supply decoupling.
Check www.melexis.com for most recent application notes about MLX90621.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44