| Zakładka z wyszukiwarką danych komponentów |
|
MM4KB Arkusz danych(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MM4KB Arkusz danych(HTML) 12 Page - Omron Electronics LLC |
|
12 / 14 page ![]() MMK 12 Accessories ■ Sockets Note: When using the MM @KP-JD by itself, the PL15 Back-connecting Socket cannot be used. ■ Height with Socket Relay model DIN Track/Front-connecting Socket Back-connecting Socket Screw terminals Solder terminals MM2(X)KP MM3(X)KP MM4(X)KP 14PFA PL15 MM4(X)KP-JD 14PFA --- MM4KP-JD Terminal Arrangement/ Internal Connections (Bottom View) Note: The MM4KP-JD is DPDT and DPST-NO. MM4XKP-JD Note: The MM4XKP-JD is DPDT and DPST- NO. Make sure that all common connec- tions are the same in polarity. The mark- ings of the common connections on the casing all show "+" but the polarity of the common connections can be either all negative or all positive. 70.5 max. 22 72.5 max. 123 max. 64.5 max. 3.5 7 22 3.5 7 70.5 max. 73 max. 123 max. 64.5 max. 11PFA PL11 DIN Track/Front-connecting Socket Back-connecting Socket Note: @PFA can be both track-mounted and screw-mounted. MM3KP MM3XKP MM4KP MM4XKP MM4(X)KP-JD 151.5 MM2KP MM2XKP 151 11PFA 14PFA 155 147.5 PL11 PL15 124 128 MM2KP MM2XKP MM3KP MM3XKP MM4KP MM4XKP |