| Zakładka z wyszukiwarką danych komponentów |
|
74ACT04PC Arkusz danych(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ACT04PC Arkusz danych(HTML) 7 Page - ON Semiconductor |
|
7 / 10 page ![]() FRONT VIEW TOP VIEW ALL LEAD TIPS NOTES: A. CONFORMS TO JEDEC REGISTRATION MO-153, VARIATION AB, REF NOTE 6 B. DIMENSIONS ARE IN MILLIMETERS. C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH, AND TIE BAR EXTRUSIONS D. DIMENSIONING AND TOLERANCES PER ANSI Y14.5M, 2009. E. LANDPATTERN STANDARD: SOP65P640X110-14M. F. DRAWING FILE NAME: MKT-MTC14rev7. 0.43TYP 0.2 C B A 8 1 7 14 A B 3.2 6.4 PIN#1 IDENT 1.2 MAX 0.1 C ALL LEAD TIPS C 0.65 0.30 0.19 0.13 A B C 0.90 +0.15 -0.10 0.20 0.09 SEE DETAIL A GAGE PLANE 0.25 SEATING PLANE 0.09 MIN 0.09 MIN 1.00 DETAIL A RECOMMENDED LAND PATTERN 6.10 0.65 1.65 0.45 |