Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV9937 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STV9937
Szczegółowy opis  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STV9937 Datasheet HTML 1Page - STMicroelectronics STV9937 Datasheet HTML 2Page - STMicroelectronics STV9937 Datasheet HTML 3Page - STMicroelectronics STV9937 Datasheet HTML 4Page - STMicroelectronics STV9937 Datasheet HTML 5Page - STMicroelectronics STV9937 Datasheet HTML 6Page - STMicroelectronics STV9937 Datasheet HTML 7Page - STMicroelectronics STV9937 Datasheet HTML 8Page - STMicroelectronics STV9937 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5/49
STV9937
General Description
1
General Description
The STV9937 is an Advanced On Screen Display generator for CRT monitors. It includes a specific
architecture allowing multiple menu displays, a built in 512 character ROM and the Picture
BooSTTM system.
The patented Picture BooSTTM feature allows images to be boosted either within a window, a
screen area or even over the entire screen.
Using traditional architecture (OSD + Preamp STV9212) and without any additional devices on the
CRT board, Picture BooSTTM boosts the brightness and sharpness of the video on CRT displays
giving a TV like effect.
The STV9937 can drive Picture BooSTTM either through the VGA cable (using RGB or DDC),
through the USB channel via the MCU or through the OSD menu (the registers can be accessed by
the MCU via I²C).
The STV9937 embeds the RGB data decoder, the Picture BooSTTM Control Registers and the
Picture BooSTTM signal generator.
Along with the Picture BooSTTM and traditional OSD features, the STV9937 allows a simultaneous
display of up to four menus anywhere on the screen. Each of the four independent windows, all
displaying characters, can be overlapped and display priorities are automatically controlled.
●
Window sizes and positions are independently programmable as well as scrolling menu effects.
●
Programming of the general OSD and of the 4 windows is controlled by an I²C bus in Read and
Write modes, to suit the various CRT displays.
●
Associated with an easily programmable character height, the internal PLL generates the
programmable pixel clock, without using a crystal oscillator, that defines the character width
making the device suitable for multi-sync applications.
●
A maximum of 640 characters, defined in the mask-programmable ROM, are distributed among
the 4 windows and displayed simultaneously.
Figure 1: Multi-window Concept with Character Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49