| Zakładka z wyszukiwarką danych komponentów |
|
AD8139ACP-R2 Arkusz danych(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8139ACP-R2 Arkusz danych(HTML) 9 Page - Analog Devices |
|
9 / 24 page ![]() AD8139 Rev. A | Page 9 of 24 TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted, Diff. Gain = +1, RG = RF = 200 Ω, RL, dm = 1 kΩ, VS = ±5 V, TA = 25°C, VOCM = 0 V. Refer to the basic test circuit in Figure 5 for the definition of terms. 2 –13 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 1 10 100 1000 FREQUENCY (MHz) G = 1 G = 2 G = 5 G = 10 RG = 200Ω VO, dm = 0.1V p-p Figure 7. Small Signal Frequency Response for Various Gains 5 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 10 100 1000 FREQUENCY (MHz) VS = ±5V VS = +5V VO, dm = 0.1V p-p Figure 8. Small Signal Frequency Response for Various Power Supplies 3 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2 10 100 1000 FREQUENCY (MHz) VO, dm = 0.1V p-p +125 °C +85 °C +25 °C –40 °C Figure 9. Small Signal Frequency Response at Various ΩTemperatures 2 –13 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 1 10 100 1000 FREQUENCY (MHz) G = 1 G = 2 G = 5 G = 10 RG = 200Ω VO, dm = 2.0V p-p Figure 10. Large Signal Frequency Response for Various Gains 3 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2 10 100 1000 FREQUENCY (MHz) VS = ±5V VS = +5V VO, dm = 2.0V p-p Figure 11. Large Signal Frequency Response for Various Power Supplies 3 –12 –11 –10 –9 –8 –7 –6 –5 –4 –3 –2 –1 0 1 2 10 100 1000 FREQUENCY (MHz) VO, dm = 2.0V p-p +125 °C +85 °C –40 °C +25 °C Figure 12. Large Signal Frequency Response at Various Temperatures |