| Zakładka z wyszukiwarką danych komponentów |
|
V680-HS63-R-2M Arkusz danych(PDF) 37 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-2M Arkusz danych(HTML) 37 Page - Omron Electronics LLC |
|
37 / 59 page ![]() 37 V680 Series V680-H01-V2 (mounted on non-metallic material) & V680S-D8KF68 (Tag direction: Horizontal) V680-H01-V2 (mounted on non-metallic material) & V680S-D8KF68 (Tag direction: Vertical) V680-HS63 (mounted on non-metallic material) & V680S-D8KF68M (Metal on back: Steel (Tag direction: Horizontal)) V680-HS63 (mounted on non-metallic material) & V680S-D8KF68M (Metal on back: Steel (Tag direction: Vertical)) V680-HS65 (mounted on metallic material) & V680S-D8KF68M (Metal on back: Steel (Tag direction: Horizontal)) V680-HS65 (mounted on metallic material) & V680S-D8KF68M (Metal on back: Steel (Tag direction: Vertical)) -300 -200 -150 -100 -50 0 50 100 150 200 X 250 -250 50 100 150 200 250 Y Y X • Read/Write -300 -200 -150 -100 -50 0 50 100 150 200 X 250 -250 50 100 150 200 250 Y Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write |