| Zakładka z wyszukiwarką danych komponentów |
|
V680-HS52-R Arkusz danych(PDF) 42 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS52-R Arkusz danych(HTML) 42 Page - Omron Electronics LLC |
|
42 / 59 page ![]() V680 Series 42 8-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 28 to 29 for communications distance specifications. For information on the combinations that can be used, refer to Combinations of Amplifier Units, Antennas, and RF Tags on pages 2 to 3. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS52 (embedded on non-metallic material) &V680S-D8KF67 V680-HS63 (mounted on non-metallic material) &V680S-D8KF67 V680-HS65 (mounted on metallic material) &V680S-D8KF67 V680-HS52 (embedded on non-metallic material) & V680S-D8KF67M (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680S-D8KF67M (mounted on metallic surface: steel) V680-HS65 (mounted on metallic material) & V680S-D8KF67M (mounted on metallic surface: steel) 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 50 100 150 200 Y -250 -200 -150 -100 -50 0 50 100 150 200 X Y X • Read/Write 20 30 10 Y -40 -30 -20 -10 10 20 30 X 0 Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write 40 60 80 20 100 Y -100 -80 -60 -40 -20 0 20 40 60 80 X Y X • Read/Write |