| Zakładka z wyszukiwarką danych komponentów |
|
MBM29PL64LM Arkusz danych(PDF) 65 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MBM29PL64LM Arkusz danych(HTML) 65 Page - SPANSION |
|
65 / 69 page ![]() MBM29PL64LM90/10 64 s s s s ORDERING INFORMATION Part No. Package Access Time (ns) Remarks MBM29PL64LM90TN 48-pin, plastic TSOP (1) (FPT-48P-M19) (Normal Bend) 90 ns MBM29PL64LM10TN 100 ns MBM29PL64LM90PCN 56-pin, plastic TSOP (1) (FPT-56P-M01) (Normal Bend) 90 ns MBM29PL64LM10PCN 100 ns MBM29PL64LM90PBT 80-ball, plastic FBGA (BGA-80P-M01) 90 ns MBM29PL64LM10PBT 100 ns MBM29PL64LM DEVICE NUMBER/DESCRIPTION 64 Mega-bit (8M × 8/4M × 16) MirrorFlash with Page Mode, Boot Sector 3.0 V-only Read, Program, and Erase PACKAGE TYPE TN = 48-Pin Thin Small Outline Package (TSOP(1)) Standard Pinout PCN = 56-Pin Thin Small Outline Package (TSOP(1)) Standard Pinout PBT = 80-Ball Fine pitch Ball Grid Array Package (FBGA) 90 TN SPEED OPTION 90 = 90ns access time 10 = 100ns access time |