| Zakładka z wyszukiwarką danych komponentów |
|
AM6526 Arkusz danych(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6526 Arkusz danych(HTML) 70 Page - Texas Instruments |
|
70 / 299 page ![]() 70 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-24. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_27 General Purpose Input/Output IO T23 GPIO0_28 General Purpose Input/Output IO R25 GPIO0_29 General Purpose Input/Output IO T27 GPIO0_30 General Purpose Input/Output IO AF18 GPIO0_31 General Purpose Input/Output IO AE18 GPIO0_32 General Purpose Input/Output IO AH17 GPIO0_33 General Purpose Input/Output IO AG18 GPIO0_34 General Purpose Input/Output IO AG17 GPIO0_35 General Purpose Input/Output IO AF17 GPIO0_36 General Purpose Input/Output IO AE17 GPIO0_37 General Purpose Input/Output IO AC19 GPIO0_38 General Purpose Input/Output IO AH16 GPIO0_39 General Purpose Input/Output IO AG16 GPIO0_40 General Purpose Input/Output IO AF16 GPIO0_41 General Purpose Input/Output IO AE16 GPIO0_42 General Purpose Input/Output IO AD16 GPIO0_43 General Purpose Input/Output IO AH15 GPIO0_44 General Purpose Input/Output IO AC16 GPIO0_45 General Purpose Input/Output IO AD17 GPIO0_46 General Purpose Input/Output IO AH14 GPIO0_47 General Purpose Input/Output IO AG14 GPIO0_48 General Purpose Input/Output IO AG15 GPIO0_49 General Purpose Input/Output IO AC17 GPIO0_50 General Purpose Input/Output IO AE15 GPIO0_51 General Purpose Input/Output IO AD15 GPIO0_52 General Purpose Input/Output IO AF14 GPIO0_53 General Purpose Input/Output IO AC15 GPIO0_54 General Purpose Input/Output IO AD14 GPIO0_55 General Purpose Input/Output IO AE14 GPIO0_56 General Purpose Input/Output IO AE22 GPIO0_57 General Purpose Input/Output IO AG24 GPIO0_58 General Purpose Input/Output IO AF23 GPIO0_59 General Purpose Input/Output IO AD21 GPIO0_60 General Purpose Input/Output IO AG23 GPIO0_61 General Purpose Input/Output IO AF27 GPIO0_62 General Purpose Input/Output IO AF22 GPIO0_63 General Purpose Input/Output IO AG27 GPIO0_64 General Purpose Input/Output IO AF28 GPIO0_65 General Purpose Input/Output IO AF26 GPIO0_66 General Purpose Input/Output IO AH25 GPIO0_67 General Purpose Input/Output IO AF21 GPIO0_68 General Purpose Input/Output IO AH20 GPIO0_69 General Purpose Input/Output IO AH21 GPIO0_70 General Purpose Input/Output IO AG20 GPIO0_71 General Purpose Input/Output IO AD19 GPIO0_72 General Purpose Input/Output IO AD20 GPIO0_73 General Purpose Input/Output IO AH26 |