Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FEP30JP Arkusz danych(PDF) 1 Page - Inchange Semiconductor Company Limited

Numer części FEP30JP
Szczegółowy opis  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FEP30JP Arkusz danych(HTML) 1 Page - Inchange Semiconductor Company Limited

  FEP30JP Datasheet HTML 1Page - Inchange Semiconductor Company Limited FEP30JP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
FEP30JP
FEATURES
·
With TO-247 packaging
·
High junction temperature capability
·
Low forward voltage
·
High current capability
·
Low power loss, high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Free-Wheeling diodes
·
Reverse battery protection
·
Center tap configuration
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current @Tc=110℃
30
A
IFSM
RMS Forward Current
60
A
IFSM
Nonrepetitive Peak Surge Current
(10ms single half sine-wave superimposed on
rated load conditions)
300
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃


Podobny numer części - FEP30JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
FEP30JP GE-FEP30JP Datasheet
73Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
FEP30JP VISHAY-FEP30JP Datasheet
76Kb / 4P
Dual Common Cathode Ultrafast Rectifier
08-Apr-10
FEP30JP VISHAY-FEP30JP Datasheet
76Kb / 4P
Dual Common Cathode Ultrafast Rectifier
08-Apr-10
logo
Thinki Semiconductor Co...
FEP30JP THINKISEMI-FEP30JP Datasheet
712Kb / 2P
30.0 Ampere Dual Fast Efficient Positive Polarity Power Rectifiers
FEP30JP THINKISEMI-FEP30JP Datasheet
712Kb / 2P
30.0 Ampere Dual Fast Efficient Negative Polarity Power Rectifiers
More results

Podobny opis - FEP30JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com