Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPB686 Arkusz danych(PDF) 2 Page - TT Electronics.

Numer części OPB686
Szczegółowy opis  Photologic Optical Flag Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB686 Arkusz danych(HTML) 2 Page - TT Electronics.

  OPB686 Datasheet HTML 1Page - TT Electronics. OPB686 Datasheet HTML 2Page - TT Electronics. OPB686 Datasheet HTML 3Page - TT Electronics. OPB686 Datasheet HTML 4Page - TT Electronics. OPB686 Datasheet HTML 5Page - TT Electronics. OPB686 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Pin #
Description
1
Anode
5
Cathode
2
Ground
3
Output
4
VCC
OPB695, OPB696, OPB697, OPB698
Torque is measured at the
end of the arm from the
resting position to the
switching point of the flag
Part Number
Max. Torque
(Grams)
OPB685
1.5
OPB685-3
3.0
OPB686
1.5
OPB687
1.5
OPB688
1.5
OPB695
1.5
OPB696
1.5
OPB697
1.5
OPB698
1.5
Pin #
OPB695
1
VCC
2
Output
3
Ground
OPB685, OPB685-3, OPB686, OPB687, OPB688



Html Pages

1 2 3 4 5 6