| Zakładka z wyszukiwarką danych komponentów |
|
TST20L60CW Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited |
|
|
|||||||||||||||||||||||||||||
TST20L60CW Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited |
|
2 / 2 page ![]() INCHANGE Semiconductor isc website:www.iscsemi.com isc & iscsemi is registered trademark 2 Schottky Barrier Rectifier TST20L60CW THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-c Thermal Resistance,Junction to Case 3.0 ℃ /W ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300μs,Duty Cycle≤1%) SYMBOL PARAMETER CONDITIONS MAX UNIT VF Maximum Instantaneous Forward Voltage IF= 10A ; Tc= 25℃ 0.65 V IF= 10A ; Tc= 125℃ 0.61 IF= 20A ; Tc= 25℃ 0.78 IF= 20A ; Tc= 125℃ 0.76 IR Maximum Instantaneous Reverse Current VR= VRWM;Tc= 25℃ 0.5 mA VR= VRWM;Tc= 125℃ 50 |