Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0144 Arkusz danych(PDF) 22 Page - STMicroelectronics

Numer części UM0144
Szczegółowy opis  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Arkusz danych(HTML) 22 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 18Page - STMicroelectronics UM0144 Datasheet HTML 19Page - STMicroelectronics UM0144 Datasheet HTML 20Page - STMicroelectronics UM0144 Datasheet HTML 21Page - STMicroelectronics UM0144 Datasheet HTML 22Page - STMicroelectronics UM0144 Datasheet HTML 23Page - STMicroelectronics UM0144 Datasheet HTML 24Page - STMicroelectronics UM0144 Datasheet HTML 25Page - STMicroelectronics UM0144 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
3 ST7 Assembler
ST7 Assembler Linker
22/92
UM0144
Don't worry if some directives don't make sense yet; they will be covered soon. Also, take
special notice of the SEGMENT directive.
3.4
Segmentation
Segments are very important. You have to understand segments before you can use the
assembler. Take the time to understand them now and you'll save yourself a lot of puzzling
later.
Segmentation is a way of 'naming' areas of your code and making sure that the linker collates
areas of the same name together in the same memory area, whatever the order of the
segments in the object files. Up to 128 different segments may be defined in each module.
The segment directive itself has four arguments, separated by spaces:
[<name>]
SEGMENT [<align>] [<combine>] '<class>' [cod]
For example:
segment word at: FFFC 'code'
WORD start
end
FILE1:
st7/
BYTES
segment byte at: 80-FF ‘RAM0’
counter.b
ds.b
; loop counter
address.b
ds.w
; address storage
ds.b 15
; stack allocation
stack
ds.b
; stack grows downward
segment byte at: E000-FFFF ‘eprom’
ld A,#stack
ld S,A
; init stack pointer
end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92