| Zakładka z wyszukiwarką danych komponentów |
|
ICS952801 Arkusz danych(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952801 Arkusz danych(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 22 page ![]() 13 Integrated Circuit Systems, Inc. ICS952801 Advance Information 0719—01/22/03 I 2C Table: Output Divider Control Register Control Function Bit 7 Reserved Reserved RW - - X Bit 6 Reserved Reserved RW - - X Bit 5 Reserved Reserved RW - - X Bit 4 Reserved Reserved RW - - X Bit 3 CPU Div3 RW X Bit 2 CPU Div2 RW X Bit 1 CPU Div1 RW X Bit 0 CPU Div0 RW X 01 PWD - - - Type - Byte 15 Pin # Name - CPU divider ratio can be configured via these 4 bits individually. See Table 5: Divider Ratio Combination Table - - - Table 5: CPU Divider Ratio Combination Table Bit 00011011 MSB 1248 00 0000 2 0100 4 1000 8 1100 16 01 0001 3 0101 6 1001 12 1101 24 10 0010 5 0110 10 1010 20 1110 40 11 0011 7 0111 14 1011 28 1111 56 LSB Address Div Address Div Address Div Address Div Divider (3:2) I 2C Table: Output Divider Control Register Control Function Bit 7 Reserved Reserved RW - - X Bit 6 Reserved Reserved RW - - X Bit 5 Reserved Reserved RW - - X Bit 4 Reserved Reserved RW - - X Bit 3 Reserved Reserved RW - - X Bit 2 Reserved Reserved RW - - X Bit 1 Reserved Reserved RW - - X Bit 0 Reserved Reserved RW - - X I 2C Table: Output Divider Control Register Control Function Bit 7 Reserved Reserved RW - - X Bit 6 Reserved Reserved RW - - X Bit 5 Reserved Reserved RW - - X Bit 4 CPUINV CPU Phase Invert RW Default Inverse X Bit 3 Reserved Reserved RW - - X Bit 2 Reserved Reserved RW - - X Bit 1 Reserved Reserved RW - - X Bit 0 Reserved Reserved RW - - X PWD - - - Type 0 1 - Byte 16 Pin # Name - - - - 01 PWD - Byte 17 Pin # Name Type - - - - - - - |