Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C16735 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C16735
Szczegółowy opis  ~65째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16735 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C16735 Datasheet HTML 1Page - Ledil, Inc. C16735 Datasheet HTML 2Page - Ledil, Inc. C16735 Datasheet HTML 3Page - Ledil, Inc. C16735 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16735_SITARA-HB-M
SITARA-HB-M
~65° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
18.0 mm
Height
5.7 mm
Fastening
Colour
Box size
430 x 390 x 215 mm
Box weight
10.6 kg
Quantity in Box
8000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SITARA-HB-M
Lens
PMMA
Last update: 05/11/2018
Subject to change without prior notice
Published: 05/11/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Podobny numer części - C16735

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C16731 LEDIL-C16731 Datasheet
7Mb / 7P
~14째 smooth spot beam
C16734 LEDIL-C16734 Datasheet
3Mb / 4P
~35째 spot beam
More results

Podobny opis - C16735

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CA10241 LEDIL-CA10241 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with installation tape.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
~65째 wide beam. New revision.
C13413 LEDIL-C13413 Datasheet
2Mb / 8P
~65째 wide beam with 7 optics
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com