| Zakładka z wyszukiwarką danych komponentów |
|
IXDI509PI Arkusz danych(PDF) 5 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXDI509PI Arkusz danych(HTML) 5 Page - IXYS Corporation |
|
5 / 12 page ![]() 5 IXDI509 / IXDN509 PIN SYMBOL FUNCTION DESCRIPTION 1, 8 VCC Supply Voltage Power supply input voltage. These pins provide power to the entire device. The range for this voltage is 4.5V to 30V. 2 IN Input Input drive signal, TTL or CMOS compatible. 6, 7 OUT Output Driver output. For application purposes, these pins are connected, through a resistor, to the gate of a MOSFET/IGBT. 4, 6 GND Ground The device ground pins. Internally connected to all circuitry, these pins provide ground reference for the entire chip and should be connected to a low noise analog ground plane for optimum performance. Pin Description CAUTION: Follow proper ESD procedures when handling and assembling this component. Figure 3 - Characteristics Test Diagram 0V 5.0V 0V Vcc IXDI414 IXDN414 0V Vcc Agilent 1147A Current Probe 15nF 10uF 25V IXDI509 IXDN509 2500 pf C LOAD Pin Configurations NOTE: Solder tabs on bottom of DFN packages are grounded 8 PIN DIP (PI) 8 PIN SOIC (SIA) V CC IN N/C GND V CC OUT OUT 1 2 3 4 8 7 6 5 I X D I 5 0 9 GND 8 PIN DIP (PI) 8 PIN SOIC (SIA) V CC IN N/C GND V CC OUT OUT 1 2 3 4 8 7 6 5 I X D N 5 0 9 GND 6 LEAD DFN (D1) (Bottom View) IN N/C GND V CC GND OUT 1 2 3 6 5 4 I X D N 5 0 9 6 LEAD DFN (D1) (Bottom View) IN N/C GND V CC GND OUT 1 2 3 6 5 4 I X D I 5 0 9 |