| Zakładka z wyszukiwarką danych komponentów |
|
LTC4267CDHC Arkusz danych(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4267CDHC Arkusz danych(HTML) 6 Page - Linear Technology |
|
6 / 32 page ![]() LTC4267 6 4267f Reference Voltage vs Temperature Reference Voltage vs Supply Voltage Oscillator Frequency vs Temperature Oscillator Frequency vs Supply Voltage PVCC Undervoltage Lockout Thresholds vs Temperature PVCC Shunt Regulator Voltage vs Temperature IPVCC Supply Current vs Temperature TYPICAL PERFOR A CE CHARACTERISTICS PVCC SUPPLY VOLTAGE (V) 6 799.0 799.2 799.6 799.8 800.0 801.0 800.4 7 8 8.5 4267 G11 799.4 800.6 800.8 800.2 6.5 7.5 9 9.5 TA = 25°C PVCC ≤ VCLAMP1mA TEMPERATURE (°C) –50 –10 30 70 110 4267 G13 –30 10 50 90 PVCC = 8V (WITH RESPECT TO PGND) 240 230 220 210 200 190 180 PVCC SUPPLY VOLTAGE (V) 6 190 194 198 202 6.5 7 7.5 8 4267 G14 8.5 206 210 192 196 200 204 208 9 TA = 25°C TEMPERATURE (°C) –50 5.0 5.5 6.5 7.0 7.5 10.0 8.5 –10 30 50 4267 G16 6.0 9.0 9.5 8.0 –30 10 80 90 110 VTURNON VTURNOFF TEMPERATURE (°C) –50 9.0 9.1 9.3 9.4 9.5 10.0 9.7 –10 30 50 4267 G17 9.2 9.8 9.9 9.6 –30 10 70 90 110 IPVCC = 1mA TEMPERATURE (°C) –50 215 220 230 235 240 265 250 –10 30 50 4267 G18 225 255 260 245 –30 10 70 90 110 PVCC = 8V VITH/RUN = 1.3V TEMPERATURE (°C) –50 70 90 4267 G10 –10 10 –30 30 50 110 812 808 804 800 796 792 788 PVCC = 8V |