Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4267IGN Arkusz danych(PDF) 5 Page - Linear Technology

Numer części LTC4267IGN
Szczegółowy opis  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN Arkusz danych(HTML) 5 Page - Linear Technology

  LTC4267IGN Datasheet HTML 1Page - Linear Technology LTC4267IGN Datasheet HTML 2Page - Linear Technology LTC4267IGN Datasheet HTML 3Page - Linear Technology LTC4267IGN Datasheet HTML 4Page - Linear Technology LTC4267IGN Datasheet HTML 5Page - Linear Technology LTC4267IGN Datasheet HTML 6Page - Linear Technology LTC4267IGN Datasheet HTML 7Page - Linear Technology LTC4267IGN Datasheet HTML 8Page - Linear Technology LTC4267IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC4267
5
4267f
TYPICAL PERFOR
CE CHARACTERISTICS
A
Input Current vs Input Voltage
25k Detection Range
Input Current vs Input Voltage
Input Current vs Input Voltage
Input Current vs Input Voltage
Signature Resistance vs
Input Voltage
Normalized UVLO Threshold vs
Temperature
Power Good Output Low Voltage
vs Current
POUT Leakage Current
Current Limit vs Input Voltage
VPORTN VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
–2
–4
–6
–8
4267 G01
–10
TA = 25°C
VPORTN VOLTAGE (V)
–12
9.0
9.5
10.5
11.0
11.5
–14
–16
4267 G03
10.0
–18
–20
–22
12.0
85°C
–40°C
CLASS 1 OPERATION
VPORTN VOLTAGE (V)
0
0
10
20
30
40
50
–10
–20
–30
–40
4267 G02
–50
–60
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
TA = 25°C
VPORTN VOLTAGE (V)
0
1
2
3
–45
–55
4267 G04
–60
–40
–50
EXCLUDES ANY LOAD CURRENT
TA = 25°C
VPORTN VOLTAGE (V)
–1
22
V1:
V2:
23
25
26
27
–3
–5
4267 G05
24
–7
–9
–6
–10
–2
–4
–8
28
RESISTANCE =
DIODES: S1B
TA = 25C
=
∆V
∆I
V2 – V1
I2 – I1
IEEE UPPER LIMIT
IEEE LOWER LIMIT
LTC4267 + 2 DIODES
LTC4267 ONLY
CURRENT (mA)
0
2
3
8
4267 G07
1
0
2
4
6
10
4
TA = 25°C
POUT PIN VOLTAGE (V)
0
0
30
60
120
90
20
40
4267 G08
60
VIN = 0V
TA = 25°C
VPORTN VOLTAGE (V)
–40
200
–60
4267 G09
100
–45
–50
–55
400
300
85°C
85°C
– 40°C
– 40°C
HIGH CURRENT MODE
LOW CURRENT MODE
TEMPERATURE (C)
–40
–2
–1
0
1
2
–20
0
20
40
4267 G06
60
80
APPLICABLE TO TURN-ON
AND TURN-0FF THRESHOLDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32