Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP01857 Arkusz danych(PDF) 3 Page - Golledge Electronics Ltd

Numer części MP01857
Szczegółowy opis  SAW Filter 456.0 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01857 Arkusz danych(HTML) 3 Page - Golledge Electronics Ltd

  MP01857 Datasheet HTML 1Page - Golledge Electronics Ltd MP01857 Datasheet HTML 2Page - Golledge Electronics Ltd MP01857 Datasheet HTML 3Page - Golledge Electronics Ltd MP01857 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
SAW Filter 456.0 MHz
Model: TA0473A
Part No: MP01857
REV NO.: 1
TA0473A v1
3
D. MEASUREMENT CIRCUIT:
E. OUTLINE DRAWING:
F. PCB FOOTPRINT
4 7 3
56n
56n
6pF
6pF
1,3,4,5,7,8
2
6



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com