| Zakładka z wyszukiwarką danych komponentów |
|
25TTS08STRR Arkusz danych(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
25TTS08STRR Arkusz danych(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 25TTS..S SAFE IR Series Bulletin I2117 rev. D 12/98 www.irf.com 9G3A 25TTS16S 9512 EXAMPLE: THIS IS AN 25TTS16S INTERNATIONAL RECTIFIER LOGO PART NUMBER Marking Information DATE CODE (YYWW) YY = YEAR WW=WEEK ASSEMBLY LOT CODE Tape & Reel Information Dimensionsinmillimetersandinches TRR FEED DIRECTION TRL FEED DIRECTION 10 .90 (0.4 29) 10 .70 (0.4 21) 16 .10 (0.6 34) 15 .90 (0.6 26) 1.75 (0 .06 9) 1.25 (0 .04 9) 1.85 (0.073) 1.65 (0.065) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0.063) 1.50 (0.059) DIA. 11.60 (0.457) 11.40 (0.449) 15 .42 (0.6 09) 15 .22 (0.6 01) 4.72 (0 .18 6) 4.52 (0 .17 8) 24 .30 (0 .95 7) 23 .90 (0 .94 1) 0.368 (0.0145) 0.342 (0.0135) 360 (1 4.173) DIA. MAX. 26 .40 (1.0 39) 24 .40 (0.9 61) 13.50 (0.532) 12.80 (0.504) DIA. 60 (2 .362) DIA. MIN. SMD-220 Tape & Reel When orderi ng, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 800 pieces per reel for both TRL and T RR. (K) (G) (A) |