| Zakładka z wyszukiwarką danych komponentów |
|
2PD601ARW Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
2PD601ARW Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 8 page ![]() 2002 Jun 26 4 Philips Semiconductors Preliminary specification NPN general purpose transistor 2PD601AW PACKAGE OUTLINE UNIT A1 max bp cD E e1 HE Lp Qw v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 DIMENSIONS (mm are the original dimensions) 0.45 0.15 SOT323 SC-70 w M bp D e1 e A B A1 Lp Q detail X c HE E v M A A B y 0 1 2 mm scale A X 12 3 Plastic surface mounted package; 3 leads SOT323 97-02-28 |