| Zakładka z wyszukiwarką danych komponentów |
|
AF40P03DA Arkusz danych(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AF40P03DA Arkusz danych(HTML) 2 Page - Anachip Corp |
|
2 / 5 page ![]() AF40P03 P-Channel Enhancement Mode Power MOSFET Anachip Corp. www.anachip.com.tw Rev. 1.0 Aug 10, 2005 2/5 Absolute Maximum Ratings Symbol Parameter Rating Units VDS Drain-Source Voltage -30 V VGS Gate-Source Voltage ±20 V TC=25ºC -30 ID Continuous Drain Current, VGS=10V TC=100ºC -18 A IDM Pulsed Drain Current (Note 1) -120 A Power Dissipation TC=25ºC 31.3 W PD Linear Derating Factor 0.25 W/ºC TSTG Storage Temperature Range -55 to 150 ºC TJ Operating Junction Temperature Range -55 to 150 ºC Thermal Data Symbol Parameter Maximum Units RθJC Thermal Resistance Junction-Case Max. 4.0 ºC/W RθJA Thermal Resistance Junction- Ambient Max. 110 ºC/W Electrical Characteristics (T J=25ºC unless otherwise noted) Limits Symbol Parameter Test Conditions Min. Typ. Max. Unit BVDSS Drain-Source Breakdown Voltage VGS=0V, ID=-250uA -30 - - V ∆BVDSS/∆TJ Breakdown Voltage Temperature Coefficient Reference to 25ºC, ID=-1mA - -0.02 - V/ºC VGS=-10V, ID=-18A - - 28 RDS(ON) Static Drain-Source On-Resistance (Note 2) VGS=-4.5V, ID=-14A - - 50 mΩ VGS(th) Gate Threshold Voltage VDS= VGS, ID=-250uA -1 - - V gfs Forward Transconductance VDS=-10V, ID=-18A - 20 - S Drain-Source Leakage Current(TJ=25ºC) VDS=-30V, VGS=0V - - -1 IDSS Drain-Source Leakage Current(TJ=150ºC) VDS=-24V, VGS=0V - - -25 uA IGSS Gate Source Leakage VGS=±20V - - ±100 nA Qg Total Gate Charge (Note 2) - 14 22 Qgs Gate-Source Charge - 3 - Qgd Gate-Drain (“Miller”) Charge ID=-18A VDS=-24V VGS=-4.5V - 9 - nC td(on) Turn-On Delay Time (Note 2) - 12 - tr Rise Time - 56 - td(off) Turn-Off Delay Time - 30 - tf Fall-Time VDS=-15V ID=-18A RG=3.3Ω, VGS=-10V RD=0.8Ω - 57 - nS Ciss Input Capacitance - 915 1465 Coss Output Capacitance - 280 - Crss Reverse Transfer Capacitance VGS=0V VDS=-25V, f=1.0MHz - 195 - pF Source-Drain Diode Symbol Parameter Test Conditions Min. Typ. Max. Unit VSD Forward On Voltage (Note 2) IS=-18A, VGS=0V - - -1.2 V trr Reverse Recovery Time (Note 2) - 30 - ns Qrr Reverse Recovery Charge IS=-18A, VGS=0V, Dl/dt=-100A/µs - 21 - nC |